Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 300 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 300 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 296Page - PMC-Sierra, Inc PM7347 Datasheet HTML 297Page - PMC-Sierra, Inc PM7347 Datasheet HTML 298Page - PMC-Sierra, Inc PM7347 Datasheet HTML 299Page - PMC-Sierra, Inc PM7347 Datasheet HTML 300Page - PMC-Sierra, Inc PM7347 Datasheet HTML 301Page - PMC-Sierra, Inc PM7347 Datasheet HTML 302Page - PMC-Sierra, Inc PM7347 Datasheet HTML 303Page - PMC-Sierra, Inc PM7347 Datasheet HTML 304Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
300
Document ID: PMC-1990267, Issue 3
Figure 39 Receive G.832 E3 Overhead
ROHCLK
ROHFP
ROHCLK
ROH
G.832 Frame Period
ROHFP
ROH
bit
1
EM byte
FA1 FA2 EM TR
MA
NR
GC
bit
2
bit
3
bit
4
bit
5
bit
6
bit
7
bit
8
bit
1
bit
2
bit
3
bit
4
bit
5
bit
6
bit
7
bit
8
bit
1
bit
2
bit
3
bit
4
bit
5
bit
6
bit
7
bit
8
FA2byte
FA1 byte
FA1FA2
54 cycles
bit
1
bit
2
The Receive G.832 E3 Overhead diagram (Figure 39) shows the extraction of the G.832 E3
overhead bits on the ROH output, along with overhead clock (ROHCLK), and frame position
indicator (ROHFP).
Figure 40 Receive G.751 E3 Overhead
ROHFP
ROHCLK
ROH
G.751 Frame Period
RAI Nat C11C21 C31 C41 C12 C22 C32
C13 C23 C33
J1
J2
J3
C42
C43
J4
RAI
RAI
...
...
30 cycles
J4
...
Justification service bits and tributary justification bits
output if PYLD&JUST bit equals 0
The Receive G.751 E3 Overhead diagram (Figure 40) shows the extraction of the G.751 E3
overhead bits on the ROH output, along with overhead clock (ROHCLK), and frame position
indicator (ROHFP). The justification indication bits (Cjk) along with the justification opportunity
bits (J1-J4) are extracted when they are treated as overhead (PYLD&JUST bit in the E3 FRMR
Maintenance Options register set to logic zero).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com