Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 297 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 297 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 293Page - PMC-Sierra, Inc PM7347 Datasheet HTML 294Page - PMC-Sierra, Inc PM7347 Datasheet HTML 295Page - PMC-Sierra, Inc PM7347 Datasheet HTML 296Page - PMC-Sierra, Inc PM7347 Datasheet HTML 297Page - PMC-Sierra, Inc PM7347 Datasheet HTML 298Page - PMC-Sierra, Inc PM7347 Datasheet HTML 299Page - PMC-Sierra, Inc PM7347 Datasheet HTML 300Page - PMC-Sierra, Inc PM7347 Datasheet HTML 301Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
297
Document ID: PMC-1990267, Issue 3
The Receive Bipolar E3 Stream diagram (Figure 33) shows the operation of the S/UNI-JET while
processing an HDB3-encoded E3 stream on inputs RPOS and RNEG. It is assumed that the first
bipolar violation (on RNEG) illustrated corresponds to a valid HDB3 signature. A LCV is
declared upon detection of four consecutive zeros in the incoming stream, or upon detection of a
bipolar violation which is not part of a valid HDB3 signature.
Figure 34 Receive Unipolar E3 Stream
RCLK
RDATI
FA11
RLCV
INFO X+1
INFO N INFO N+1 INFO N+2 INFO N+3 INFO N+4 INFO N+5 INFO N+6
INFO X
FA12
LCV INDICATION
The Receive Unipolar E3 Stream diagram (Figure 34) shows the unipolar E3 receive signal on the
RDATI input. LCV indications, detected by an upstream HDB3 decoder, are indicated on input
RLCV. RLCV is sampled each bit period. The PMON LCV Event Counter is incremented each
time a logic one is sampled on RLCV.
Figure 35 Receive Bipolar J2 Stream
B8ZSsignature
00
0 V
1
0 V
1
RCLK
RNEG
RPOS
00
0
0
V0
0 0
00
01
00 0
8zeros
LCV
EXZ
The Receive Bipolar J2 Stream diagram (Figure 35) shows the operation of the S/UNI-JET while
processing a B8ZS-encoded J2 stream on inputs RPOS and RNEG. It is assumed that the first
bipolar violation (on RNEG) illustrated corresponds to a valid B8ZS signature. A LCV is declared
upon detection of a bipolar violation which is not part of a valid B8ZS signature. An excessive
zeros indication is given when 8 or more consecutive zeros are detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com