| Electronic Components Datasheet Search |
|
PM7347 Datasheet(PDF) 295 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7347 Datasheet(HTML) 295 Page - PMC-Sierra, Inc |
|
295 / 341 page ![]() S/UNI®-JET Data Sheet Released Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use 295 Document ID: PMC-1990267, Issue 3 14 Functional Timing All functional timing diagrams assume that polarity control is not being applied to input and output data and clock lines (i.e. polarity control bits in the S/UNI-JET registers are set to their default states). Figure 29 Receive DS1 Stream RCLK RDATI F BIT ROHM INFO 4 INFO 192 F BIT INFO 1 INFO 2 INFO 3 INFO 4 INFO 5 INFO 3 INFO 1 INFO 2 The Receive DS1 Stream diagram (Figure 29) shows the expected DS1 overhead indicators on ROHM when the S/UNI-JET is configured for DS1 PLCP or DS1 direct-mapped frame formats. Frame pulses on ROHM are not required to be present. Once internally synchronized by a pulse on ROHM, the S/UNI-JET can use its internal timeslot counter for DS1 overhead bit identification. The ATM cell stream is contained in RDATI, along with a framing bit placeholder every 193 bit periods. An upstream DS1 framer (such as the PM4341A T1XC or PM4344 TQUAD) must be used to identify the DS1 framing bit position. Figure 30 Receive E1 Stream RCLK RDATI TS0 bit1 ROHM TS0 bit5 TS31 bit8 TS0 bit1 TS0 bit2 TS0 bit3 TS0 bit4 TS0 bit5 TS0 bit6 TS0 bit4 TS0 bit2 TS0 bit3 The expected Receive E1 Stream for direct-mapped or PLCP applications is shown in Figure 30. Frame pulses on ROHM are not required to be present every frame. Once internally synchronized by a pulse on ROHM, the S/UNI-JET can use its internal timeslot counter for E1 overhead bit identification. The ATM cell stream is contained in RDATI, along with a framing bit placeholder every 256 bit periods. An upstream E1 framer (such as the PM6341A E1XC or PM6344 EQUAD) must be used to identify the E1 framing bit position. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |