Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 296 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 296 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 292Page - PMC-Sierra, Inc PM7347 Datasheet HTML 293Page - PMC-Sierra, Inc PM7347 Datasheet HTML 294Page - PMC-Sierra, Inc PM7347 Datasheet HTML 295Page - PMC-Sierra, Inc PM7347 Datasheet HTML 296Page - PMC-Sierra, Inc PM7347 Datasheet HTML 297Page - PMC-Sierra, Inc PM7347 Datasheet HTML 298Page - PMC-Sierra, Inc PM7347 Datasheet HTML 299Page - PMC-Sierra, Inc PM7347 Datasheet HTML 300Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
296
Document ID: PMC-1990267, Issue 3
Figure 31 Receive Bipolar DS3 Stream
RPOS
RNEG
3 consec 0s
LCV
RCLK
The Receive Bipolar DS3 Stream diagram (Figure 31) shows the operation of the S/UNI-JET
while processing a B3ZS encoded DS3 stream on inputs RPOS and RNEG. It is assumed that the
first bipolar violation (on RNEG) illustrated corresponds to a valid B3ZS signature. A LCV is
declared upon detection of three consecutive zeros in the incoming stream, or upon detection of a
bipolar violation which is not part of a valid B3ZS signature.
Figure 32 Receive Unipolar DS3 Stream
RCLK
RDATI
X1 BIT
RLCV
X2 BIT
INFO 84
C BIT
INFO 1
INFO 2
INFO 3
INFO 4
INFO 5
OR P OR M BIT
OR F BIT
INFO 84
INFO 1
LCV INDICATION
The Receive Unipolar DS3 Stream diagram (Figure 32) shows the complete DS3 receive signal
on the RDATI input. LCV indications, detected by an upstream B3ZS decoder, are indicated on
input RLCV. RLCV is sampled each bit period. The PMON LCV Event Counter is incremented
each time a logic one is sampled on RLCV.
Figure 33 Receive Bipolar E3 Stream
RCLK
RPOS
RNEG
4 consec 0s
LCV
X 00V
HDB3 Signature Pattern
000 V
BV
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com