Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 298 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 298 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 294Page - PMC-Sierra, Inc PM7347 Datasheet HTML 295Page - PMC-Sierra, Inc PM7347 Datasheet HTML 296Page - PMC-Sierra, Inc PM7347 Datasheet HTML 297Page - PMC-Sierra, Inc PM7347 Datasheet HTML 298Page - PMC-Sierra, Inc PM7347 Datasheet HTML 299Page - PMC-Sierra, Inc PM7347 Datasheet HTML 300Page - PMC-Sierra, Inc PM7347 Datasheet HTML 301Page - PMC-Sierra, Inc PM7347 Datasheet HTML 302Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
298
Document ID: PMC-1990267, Issue 3
Figure 36 Receive Unipolar J2 Stream
RCLK
RDATI
e1
RLCV
INFO X+1
INFO N INFO N+1 INFO N+2 INFO N+3 INFO N+4 INFO N+5 INFO N+6
INFO X
e2
LCV INDICATION
The Receive Unipolar J2 Stream diagram (Figure 36) shows the unipolar J2 receive signal on the
RDATI input. LCV indications, detected by an upstream B8ZS decoder, are indicated on input
RLCV. RLCV is sampled each bit period. The PMON LCV Event Counter is incremented each
time a logic one is sampled on RLCV.
Figure 37 Generic Receive Stream
RCLK
RDATI
Overhead
Bit 1
ROHM
INFO 1
INFO 2
INFO 3
INFO 4
INFO 5
Overhead
Bit 4
Overhead
Bit 3
Overhead
Bit 2
Overhead
Bit 5
Overhead
Bit 8
Overhead
Bit 7
Overhead
Bit 6
The generic receive stream diagram (Figure 37) illustrates how ROHM is used to mark the
location of the transmission system overhead bits in the RDATI stream. RDATI and ROHM are
both sampled on the rising edge of RCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com