Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 302 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 302 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 298Page - PMC-Sierra, Inc PM7347 Datasheet HTML 299Page - PMC-Sierra, Inc PM7347 Datasheet HTML 300Page - PMC-Sierra, Inc PM7347 Datasheet HTML 301Page - PMC-Sierra, Inc PM7347 Datasheet HTML 302Page - PMC-Sierra, Inc PM7347 Datasheet HTML 303Page - PMC-Sierra, Inc PM7347 Datasheet HTML 304Page - PMC-Sierra, Inc PM7347 Datasheet HTML 305Page - PMC-Sierra, Inc PM7347 Datasheet HTML 306Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
302
Document ID: PMC-1990267, Issue 3
The Receive PLCP Overhead diagram (Figure 42) shows the extraction of the PLCP path
overhead bits on the RPOH output, along with overhead clock (RPOHCLK), and PLCP frame
position indicator (RPOHFP). The path overhead octets are shifted out in order with the most
significant bit (bit 1) of each octet first. The number of growth octets (Zn) in the PLCP frame
varies according to the selected PLCP frame format (DS3, DS1, G.751 E3, or E1). The PLCP
frame position indicator (RPOHFP) is set high once per PLCP frame period, during bit 1 of the
F1 octet, and indicates the 8 kHz receive PLCP frame timing.
Figure 43 Transmit DS1 Stream
TCLK]
TDATO
Octet 1
Bit 1
TOHM
Overhead
Slot
Framing
Position
Octet 1
Bit 1
Octet 24
Bit 8
Octet 24
Bit 7
Octet 24
Bit 6
Octet 24
Bit 5
TICLK
The Transmit DS1 Stream diagram (Figure 43) illustrates the generation of DS1 overhead
indicators on TOHM when the S/UNI-JET is configured for DS1 PLCP or non-PLCP frame
formats. The S/UNI-JET flywheels using its internal timeslot counter to generate TOHM. The
ATM cell stream is inserted in TDATO, along with a framing bit placeholder every 193 bit
periods. An upstream DS1 framer (such as the PM4341A T1XC or PM4344 TQUAD) must be
used to insert the appropriate DS1 framing pattern. Note: TCLK is a flow through version of
TICLK; a variable propagation delay exists between these two signals.
Figure 44 Transmit E1 Stream
TCLK
TDATO
TOHM
TS0 bit 1
TICLK
TS0 bit 2
TS31 bit 8
TS31 bit 7
TS31 bit 6
TS31 bit 5
TS0 bit 2
TS0 bit 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com