Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 306 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 306 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 302Page - PMC-Sierra, Inc PM7347 Datasheet HTML 303Page - PMC-Sierra, Inc PM7347 Datasheet HTML 304Page - PMC-Sierra, Inc PM7347 Datasheet HTML 305Page - PMC-Sierra, Inc PM7347 Datasheet HTML 306Page - PMC-Sierra, Inc PM7347 Datasheet HTML 307Page - PMC-Sierra, Inc PM7347 Datasheet HTML 308Page - PMC-Sierra, Inc PM7347 Datasheet HTML 309Page - PMC-Sierra, Inc PM7347 Datasheet HTML 310Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
306
Document ID: PMC-1990267, Issue 3
Figure 51 Generic Transmit Stream
TCLK
TDATO
Overhead Placeholder Bits
Bit 5
Bit 8
Bit 7
Bit 6
Bit 1
Bit 4
Bit 3
Bit 2
ATM Ce ll
Octet n +1
TOHM
TIOHM
TICLK
TDATO
Overhead Placeholder Bits
Bit 1
Bit 4
Bit 3
Bit 2
Bit 7
Bit 8
Bit 6
Bit 4
Bit 5
Bit 5
Bit 3
TOHM
TIOHM
TICLK bit logic 0:
TICLK bit logic 1:
ATM Ce ll
Octe t n
Bit 5
Bit 6
Bit 7
Bit 8
ATM Ce ll
Octe t n
TICLK
ATM Ce ll
Octet n +1
The Generic Transmit Stream diagram (Figure 51) illustrates overhead indication positions when
interfacing to a non-PLCP based transmission system not supported by the SUNI-QJET. The
overhead bit placeholder positions are indicated using the TIOHM input. The ATM cells
presented in the TDATO transmit stream are held off to include the overhead placeholders. The
location of these placeholder positions is indicated by TOHM. A downstream framer inserts the
correct overhead information in the placeholder positions.
The delay between TIOHM and TOHM is dependent on the state of the TICLK bit of the S/UNI-
JET Transmit Configuration Register. If the TICLK bit is a logic zero, TOHM is updated on the
falling TCLK edge. TCLK is a flow-through version of TICLK and the propagation delay
between TICLK and TCLK may vary depending on specific configurations. If the TICLK bit is a
logic one, TOHM is presented on the fifth rising edge of TICLK after the rising edge which
samples TIOHM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com