| Electronic Components Datasheet Search |
|
PM7347 Datasheet(PDF) 309 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7347 Datasheet(HTML) 309 Page - PMC-Sierra, Inc |
|
309 / 341 page ![]() S/UNI®-JET Data Sheet Released Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use 309 Document ID: PMC-1990267, Issue 3 Figure 54 Transmit G.751 E3 Overhead TOHFP TOHCLK TOH G.751 Frame Period RAI Nat C11C21 C31 C41 C12 C22 C32 C13 C23 C33 J1 J2 J3 C42 C43 J4 TOHINS RAI RAI ... ... ... 30 cycles J4 ... The Transmit G.751 E3 Overhead diagram (Figure 54) shows the insertion of G.751 overhead bits RAI, the National Use Bit, and the stuff indication and opportunity bits using the TOH input, along with the overhead insertion enable input, TOHINS. The TOHFP output is set to logic one once per G.751 E3 frame period (during the RAI bit position). In Figure 54, the data sampled on TOH during the RAI, National Use, or stuff bit positions while TOHINS is logic one is inserted into the G.751 E3 overhead bits in the transmit stream. The PYLD&JUST bit in the E3 TRAN Status and Diagnostics Options Register has no affect on the insertion of the justification service and the tributary justification bits through the TOH and the TOHINS inputs. Figure 55 Transmit J2 Overhead ... ... ... ... ... ... ... ... m1 0 0 1 1 e5 e4 e3 e2 e1 TS97 TS98 TS97 TS98 TS97 J2 Multi-Frame Period TOHFP TOHCLK TOH TOHINS The Transmit J2 Overhead diagram (Figure 55) shows the insertion of J2 overhead bits using the TOH and TOHINS inputs. The TOHFP output is set to logic one once per J2 multiframe (for the first bit of TS97 in the first frame of the J2 multiframe). TOHCLK is a gapped clock which will pulse at a maximum instantaneous rate equal to the TICLK frequency. When TOHINS is a logic one, the TOH input pin state replaces that generated within the J2 TRAN block. TOH and TOHINS are sampled on the rising TOHCLK clock edge. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |