Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 305 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 305 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 301Page - PMC-Sierra, Inc PM7347 Datasheet HTML 302Page - PMC-Sierra, Inc PM7347 Datasheet HTML 303Page - PMC-Sierra, Inc PM7347 Datasheet HTML 304Page - PMC-Sierra, Inc PM7347 Datasheet HTML 305Page - PMC-Sierra, Inc PM7347 Datasheet HTML 306Page - PMC-Sierra, Inc PM7347 Datasheet HTML 307Page - PMC-Sierra, Inc PM7347 Datasheet HTML 308Page - PMC-Sierra, Inc PM7347 Datasheet HTML 309Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
305
Document ID: PMC-1990267, Issue 3
Figure 49 Transmit Bipolar J2 Stream
TCLK
B8ZSsignature
00
0 V
1
0 V
1
000
0
10 0 0
00
11
00 0
TNEG
TPOS
TICLK
The Transmit Bipolar J2 Stream diagram (Figure 49) illustrates the generation of a bipolar J2
stream. The B8ZS encoded J2 stream is present on TPOS and TNEG. These outputs, along with
the transmit clock, TCLK, can be directly connected to a J2 line interface unit. Note: TCLK is a
flow through version of TICLK; a variable propagation delay exists between these two signals.
Figure 50 Transmit Unipolar J2 Stream
TCLK
TDATO
e4
e5
bit 782
bit 783
bit 784
1
1
0
0
TOHM
frame alignment signal
bit1
bit 2
bit 3
TICLK
The Transmit Unipolar J2 Stream diagram (Figure 50) illustrates the unipolar J2 stream
generation. The ATM cell stream, along with valid J2 overhead bits is contained in TDATO. The
TOHM output shown marks the J2 multi-frame boundary (the first frame-alignment bit of each J2
multi-frame) in the transmit stream. Note: TCLK is a flow through version of TICLK; a variable
propagation delay exists between these two signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com