Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 321 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 321 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 317Page - PMC-Sierra, Inc PM7347 Datasheet HTML 318Page - PMC-Sierra, Inc PM7347 Datasheet HTML 319Page - PMC-Sierra, Inc PM7347 Datasheet HTML 320Page - PMC-Sierra, Inc PM7347 Datasheet HTML 321Page - PMC-Sierra, Inc PM7347 Datasheet HTML 322Page - PMC-Sierra, Inc PM7347 Datasheet HTML 323Page - PMC-Sierra, Inc PM7347 Datasheet HTML 324Page - PMC-Sierra, Inc PM7347 Datasheet HTML 325Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
321
Document ID: PMC-1990267, Issue 3
Symbol
Parameter
Min
Typ
Max
Units
Conditions
IDDOP2
Operating Current
20
mA
VDD = 3.63 V, Outputs Unloaded
(T1/E1 PLCP mode)
IDDOP3
Operating Current
170
mA
VDD = 3.63 V, Outputs Unloaded
(DS3 ATM mode)
IDDOP4
Operating Current
150
mA
VDD = 3.63 V, Outputs Unloaded
(E3 ATM mode)
IDDOP5
Operating Current
40
mA
VDD = 3.63 V, Outputs Unloaded
(J2 ATM mode)
IDDOP6
Operating Current
150
mA
VDD = 3.63 V, Outputs Unloaded (52
Mbit/s arbitrary framing format with
ATM direct mapping)
IDDOP7
Operating Current
230
mA
VDD = 3.63 V, Outputs Unloaded
(DS3 framer only)
IDDOP8
Operating Current
120
mA
VDD = 3.63 V, Outputs Unloaded
(E3 framer only)
IDDOP9
Operating Current
30
mA
VDD = 3.63 V, Outputs Unloaded (J2
framer only)
Notes
1.
Input pin or bi-directional pin with internal pull-up resistor.
2.
Input pin or bi-directional pin without internal pull-up resistor
3.
Negative currents flow into the device (sinking), positive currents flow out of the device (sourcing).
4.
The Utopia interface outputs, RDAT[15:0], RPRTY, RCA, DRCA, RSOC, TCA, and DTCA, have 12 mA
drive capability.
5.
The outputs TCLK, TPOS/TDATO, TNEG/TOHM, TPOHFP/TFPO/TMFPO/TGAPCLK, LCD/RDATO,
RPOH/ROVRHD, RPOHCLK/RSCLK/RGAPCLK, and REF8KO/RPOHFP/RFPO/RMFPO have 6 mA
drive capability.
6.
The data bus outputs, D[7:0], and all outputs not specified above have 3 mA drive capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com