Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 104 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 104 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 100Page - PMC-Sierra, Inc PM7347 Datasheet HTML 101Page - PMC-Sierra, Inc PM7347 Datasheet HTML 102Page - PMC-Sierra, Inc PM7347 Datasheet HTML 103Page - PMC-Sierra, Inc PM7347 Datasheet HTML 104Page - PMC-Sierra, Inc PM7347 Datasheet HTML 105Page - PMC-Sierra, Inc PM7347 Datasheet HTML 106Page - PMC-Sierra, Inc PM7347 Datasheet HTML 107Page - PMC-Sierra, Inc PM7347 Datasheet HTML 108Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
104
Document ID: PMC-1990267, Issue 3
Register 30BH: SPLR Status
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R
LSS[2]
X
Bit 5
R
LSS[1]
X
Bit 4
R
LSS[0]
X
Bit 3
Unused
X
Bit 2
R
YELV
X
Bit 1
R
LOFV
X
Bit 0
R
OOFV
X
OOFV
The OOFV bit indicates the current PLCP OOF defect state. When an error is detected in both
the A1 and A2 octets or when an error is detected in two consecutive path overhead identifier
octets, OOFV is set to logic one. When the S/UNI-JET has found two valid, consecutive sets
of A1 and A2 octets with two valid and sequential path overhead identifier octets, the OOFV
bit is set to logic zero.
LOFV
The LOFV bit indicates the current PLCP LOF defect state. The LOF defect state is an
integrated version of the OOF defect state. The declaration/removal times for the LOF defect
state depends on the selected PLCP format. These are summarized in Table 12:
Table 12 PLCP LOF Declaration/Removal Times
PLCP Format
Declaration (ms)
Removal (ms)
DS3
1
12
E3 G.751
1.12
10
DS1
25
250
E1
20
200
If the OOF defect state is transient, the LOF counter is decremented at a rate 1/12 (DS3
PLCP) or 1/10 (DS1 or E1 PLCP) or 1/9 (G.751 E3 PLCP) of the incrementing rate.
YELV
The YELV bit indicates the current PLCP yellow alarm defect state. YELV is set to a logic
one when ten or more consecutive frames are received with the yellow bit (contained in the
path status octet) set to a logic one. YELV is set to a logic zero when ten or more consecutive
frames are received with the yellow bit (contained in the path status octet) set to a logic zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com