Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 106 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 106 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 102Page - PMC-Sierra, Inc PM7347 Datasheet HTML 103Page - PMC-Sierra, Inc PM7347 Datasheet HTML 104Page - PMC-Sierra, Inc PM7347 Datasheet HTML 105Page - PMC-Sierra, Inc PM7347 Datasheet HTML 106Page - PMC-Sierra, Inc PM7347 Datasheet HTML 107Page - PMC-Sierra, Inc PM7347 Datasheet HTML 108Page - PMC-Sierra, Inc PM7347 Datasheet HTML 109Page - PMC-Sierra, Inc PM7347 Datasheet HTML 110Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
106
Document ID: PMC-1990267, Issue 3
Register 30CH: SPLT Configuration
Bit
Type
Function
Default
Bit 7
R/W
FORM[1]
0
Bit 6
R/W
FORM[0]
0
Bit 5
R/W
M1TYPE
0
Bit 4
R/W
M2TYPE
0
Bit 3
R/W
FIXSTUFF
0
Bit 2
R/W
PLCPEN
0
Bit 1
Unused
X
Bit 0
R/W
EXT
0
EXT
The EXT bit disables the internal transmission system sublayer timeslot counter from
identifying DS1, DS3, E1, J2, E3 G.751, or E3 G.832 overhead bits. The EXT bit allows
transmission formats that are unsupported by the internal timeslot counter and must be
supported using the TIOHM input. When a logic zero is written to EXT, input transmission
system overhead (for DS1, DS3, E1, J2, E3 G.751, and E3 G.832 formats) is indicated using
the internal timeslot counter. This counter “flywheels” to create the appropriate transmission
system alignment. This alignment is indicated on the TOHM output. When a logic one is
written to EXT, indications on TIOHM identify each transmission system overhead bit. These
indications flow through the S/UNI-JET and appear on the TOHM output where they mark
the transmission system overhead placeholder positions in the TDATO stream. EXT should
only be set to logic one if the TFRM[1:0] bits in the S/UNI-JET Transmit Configuration
Register are both set to logic one and the arbitrary framing format is desired.
PLCPEN
The PLCPEN bit enables PLCP frame insertion. When a logic one is written to PLCPEN,
DS3, E3 G.751, DS1, or E1 PLCP framing is inserted. The PLCP format is specified by the
FORM[1:0] bits in this register. When a logic zero is written to PLCPEN, PLCP related
functions in the SPLT block are disabled. The PLCPEN bit must be set to logic zero for G.832
E3, J2, and arbitrary framing formats.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com