Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 107 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 107 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 103Page - PMC-Sierra, Inc PM7347 Datasheet HTML 104Page - PMC-Sierra, Inc PM7347 Datasheet HTML 105Page - PMC-Sierra, Inc PM7347 Datasheet HTML 106Page - PMC-Sierra, Inc PM7347 Datasheet HTML 107Page - PMC-Sierra, Inc PM7347 Datasheet HTML 108Page - PMC-Sierra, Inc PM7347 Datasheet HTML 109Page - PMC-Sierra, Inc PM7347 Datasheet HTML 110Page - PMC-Sierra, Inc PM7347 Datasheet HTML 111Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
107
Document ID: PMC-1990267, Issue 3
FIXSTUFF
The FIXSTUFF bit controls the transmit PLCP frame octet/nibble stuffing used for DS3 and
G.751 E3 PLCP frame formats. When a logic zero is written to FIXSTUFF, stuffing is
determined by the REF8KI input. When a logic one is written to FIXSTUFF and the DS3
PLCP frame format is enabled, a nibble is stuffed into the 13 nibble trailer twice every three
stuff opportunities (i.e. 13, 14, 14 nibbles). This stuff ratio provides for a nominal PLCP
frame rate of 125.0002366 µs (an error of 1.9 ppm). When the G.751 E3 PLCP frame format
is enabled, 18, 19 or 20 octets are stuffed into the trailer depending on the alignment of the
G.751 E3 frame, and the G.751 E3 PLCP frame. This yields a nominal PLCP frame rate of
125 µs.
M2TYPE
The M2TYPE bit selects the type of code transmitted in the M2 octet. These codes are
required in systems implementing the IEEE-802.6 DQDB protocol. When a logic zero is
written to M2TYPE, the fixed pattern type 0 code is transmitted in the M2 octet. When a
logic one is written to M2TYPE, the 1023 cyclic code pattern (starting with B6 hexadecimal
and ending with 8D hexadecimal) is transmitted in the M2 octet. Please refer to
TA-TSY-000772, Issue 3 and Supplement 1, for details on the codes.
M1TYPE
The M1TYPE bit selects the type of code transmitted in the M1 octet. These codes are
required in systems implementing the IEEE-802.6 DQDB protocol. When a logic zero is
written to M1TYPE, the fixed pattern type 0 code is transmitted in the M1 octet. When a
logic one is written to M1TYPE, the 1023 cyclic code pattern (starting with B6 hexadecimal
and ending with 8D hexadecimal) is transmitted in the M1 octet. Please refer to
TA-TSY-000772, Issue 3 and Supplement 1, for details on the codes.
FORM[1:0]
When EXT = 0 and PLCPEN = 0, the FORM[1:0] bits and the TFRM[1:0] bits in the S/UNI-
JET Transmit Configuration Register select the ATM direct-mapped transmission frame
format as shown below. When EXT = 0 and PLCPEN = 1, the FORM[1:0] bits along with the
TFRM[1:0] bits select the transmission and PLCP frame format as shown below. When EXT
= 1 and TOCTA = 1, then the FORM[1:0] bits control the cell alignment with respect to the
transmission overhead given on TIOHM as shown in Table 13. The FORM bits have no effect
if EXT = 1 and TOCTA = 0.
Table 13 SPLT FORM[1:0] Configurations
FORM[1]
FORM[0]
PLCP or ATM direct-mapped Framing Format /
Cell alignment
00DS3 / nibble
0
1
E3 or J2 / byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com