Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 111 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 111 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 107Page - PMC-Sierra, Inc PM7347 Datasheet HTML 108Page - PMC-Sierra, Inc PM7347 Datasheet HTML 109Page - PMC-Sierra, Inc PM7347 Datasheet HTML 110Page - PMC-Sierra, Inc PM7347 Datasheet HTML 111Page - PMC-Sierra, Inc PM7347 Datasheet HTML 112Page - PMC-Sierra, Inc PM7347 Datasheet HTML 113Page - PMC-Sierra, Inc PM7347 Datasheet HTML 114Page - PMC-Sierra, Inc PM7347 Datasheet HTML 115Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
111
Document ID: PMC-1990267, Issue 3
Register 30EH: SPLT Diagnostics and G1 Octet
Bit
Type
Function
Default
Bit 7
R/W
DPFRM
0
Bit 6
R/W
DAFRM
0
Bit 5
R/W
DB1
0
Bit 4
R/W
DFEBE
0
Bit 3
R/W
YEL
0
Bit 2
R/W
LSS[2]
0
Bit 1
R/W
LSS[1]
0
Bit 0
R/W
LSS[0]
0
LSS[2:0]
The LSS[2:0] bits control the value inserted in the link status signal code bit positions of the
path status octet (G1). These bits should be written with logic zero when implementing an
ATM Forum UNI-compliant DS3 interface.
YEL
The YEL bit controls the yellow signal bit position in the path status octet (G1). When a logic
one is written to YEL, the PLCP yellow alarm signal is transmitted.
DFEBE
The DFEBE bit controls the insertion of FEBEs in the PLCP frame. When DFEBE is written
with a logic one, a single FEBE is inserted each PLCP frame. When DFEBE is written with a
logic zero, FEBEs are indicated based on receive PLCP bit interleaved parity errors.
DB1
The DB1 bit controls the insertion of bit interleaved parity (BIP) errors in the PLCP frame.
When DB1 is written with a logic one, a single BIP error is inserted in each PLCP frame.
When DB1 is written with a logic zero, the bit interleaved parity is calculated and inserted
normally.
DAFRM
The DAFRM bit controls the insertion of frame alignment pattern errors. When DAFRM is
written with a logic one, a single bit error is inserted in each A1 octet, and in each A2 octet.
When DAFRM is written with a logic zero, the frame alignment pattern octets are inserted
normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com