Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 110 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 110 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 106Page - PMC-Sierra, Inc PM7347 Datasheet HTML 107Page - PMC-Sierra, Inc PM7347 Datasheet HTML 108Page - PMC-Sierra, Inc PM7347 Datasheet HTML 109Page - PMC-Sierra, Inc PM7347 Datasheet HTML 110Page - PMC-Sierra, Inc PM7347 Datasheet HTML 111Page - PMC-Sierra, Inc PM7347 Datasheet HTML 112Page - PMC-Sierra, Inc PM7347 Datasheet HTML 113Page - PMC-Sierra, Inc PM7347 Datasheet HTML 114Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
110
Document ID: PMC-1990267, Issue 3
SRCB1
The SRCB1 bit value ORed with input TPOHINS selects the source for the B1 octet on a bit
by bit basis. If the OR results in a logic zero, the internally calculated bit interleaved parity
value is inserted in the B1 bit position. If the OR results in a logic one, the B1 bit position is
inserted with the value sampled on TPOH.
SRCF1
The SRCF1 bit value ORed with input TPOHINS selects the source for the F1 octet on a bit
by bit basis. If the OR results in a logic zero, the F1 bit position is determined by the SPLT F1
Octet Register. If the OR results in a logic one, the F1 bit position is inserted with the value
sampled on TPOH.
SRCZN
The SRCZN bit value ORed with input TPOHINS selects the source for the Zn octets (where
n=1 to 4 for the DS1 or E1 PLCP frame formats, n=1 to 6 for the DS3 PLCP frame format,
and n=1 to 3 for the G.751 E3 PLCP frame format) on a bit by bit basis. If the OR results in a
logic zero, the Zn bit position is forced to a logic zero. If the OR results in a logic one, the Zn
bit position is inserted with the value sampled on TPOH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com