Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 177 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 177 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 173Page - PMC-Sierra, Inc PM7347 Datasheet HTML 174Page - PMC-Sierra, Inc PM7347 Datasheet HTML 175Page - PMC-Sierra, Inc PM7347 Datasheet HTML 176Page - PMC-Sierra, Inc PM7347 Datasheet HTML 177Page - PMC-Sierra, Inc PM7347 Datasheet HTML 178Page - PMC-Sierra, Inc PM7347 Datasheet HTML 179Page - PMC-Sierra, Inc PM7347 Datasheet HTML 180Page - PMC-Sierra, Inc PM7347 Datasheet HTML 181Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
177
Document ID: PMC-1990267, Issue 3
Register 351H: RDLC Interrupt Control
Bit
Type
Function
Default
Bit 7
R/W
INTE
0
Bit 6
R/W
INTC[6]
0
Bit 5
R/W
INTC[5]
0
Bit 4
R/W
INTC[4]
0
Bit 3
R/W
INTC[3]
0
Bit 2
R/W
INTC[2]
0
Bit 1
R/W
INTC[1]
0
Bit 0
R/W
INTC[0]
0
INTC[6:0]
The INTC[6:0] bits control the assertion of FIFO fill level set point interrupts. The value of
INTC[6:0] = ‘b0000000 sets the interrupt FIFO fill level to 128.
INTE
The Interrupt Enable bit (INTE) must set to logic one to allow the internal interrupt status to
be propagated to the INTB output. When the INTE bit is logic zero the RDLC will not assert
INTB.
The contents of the Interrupt Control Register should only be changed when the EN bit in the
RDLC Configuration Register is logic zero. This prevents any erroneous interrupt generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com