Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 178 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 178 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 174Page - PMC-Sierra, Inc PM7347 Datasheet HTML 175Page - PMC-Sierra, Inc PM7347 Datasheet HTML 176Page - PMC-Sierra, Inc PM7347 Datasheet HTML 177Page - PMC-Sierra, Inc PM7347 Datasheet HTML 178Page - PMC-Sierra, Inc PM7347 Datasheet HTML 179Page - PMC-Sierra, Inc PM7347 Datasheet HTML 180Page - PMC-Sierra, Inc PM7347 Datasheet HTML 181Page - PMC-Sierra, Inc PM7347 Datasheet HTML 182Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
178
Document ID: PMC-1990267, Issue 3
Register 352H: RDLC Status
Bit
Type
Function
Default
Bit 7
R
FE
X
Bit 6
R
OVR
X
Bit 5
R
COLS
X
Bit 4
R
PKIN
X
Bit 3
R
PBS[2]
X
Bit 2
R
PBS[1]
X
Bit 1
R
PBS[0]
X
Bit 0
R
INTR
X
Consecutive reads of the RDLC Status and Data Registers should not occur at rates greater than
1/10 that of the clock selected by the LINESYSCLK bit of the S/UNI-JET Miscellaneous
Register (39BH).
INTR
The interrupt (INTR) bit reflects the status of the internal RDLC interrupt. If the INTE bit in
the RDLC Interrupt Control Register is set to logic one, a RDLC interrupt (INTR is a logic
one) will cause INTB to be asserted low. The INTR register bit will be set to logic one when
one of the following conditions occurs:
• The number of bytes specified in the RDLC Interrupt Control Register are received on the
data link and are written into the FIFO.
• RDLC FIFO buffer overrun is detected.
• The last byte of a packet is written into the RDLC FIFO.
• The last byte of an aborted packet is written into the RDLC FIFO.
• Transition of receiving all-ones to receiving flags is detected.
PBS[2:0]
The packet byte status (PBS[2:0]) bits indicate the status of the data last
Read from the FIFO as indicated in Table 19:
Table 19 RDLC PBS[2:0] Data Status
PBS[2:0]
Data Status
000
The data byte read from the FIFO is not special.
001
The data byte read from the FIFO is the dummy byte that was written into the FIFO
when the first HDLC flag sequence (01111110) was detected. This indicates that the
data link became active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com