Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 180 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 180 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 176Page - PMC-Sierra, Inc PM7347 Datasheet HTML 177Page - PMC-Sierra, Inc PM7347 Datasheet HTML 178Page - PMC-Sierra, Inc PM7347 Datasheet HTML 179Page - PMC-Sierra, Inc PM7347 Datasheet HTML 180Page - PMC-Sierra, Inc PM7347 Datasheet HTML 181Page - PMC-Sierra, Inc PM7347 Datasheet HTML 182Page - PMC-Sierra, Inc PM7347 Datasheet HTML 183Page - PMC-Sierra, Inc PM7347 Datasheet HTML 184Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
180
Document ID: PMC-1990267, Issue 3
Register 353H: RDLC Data
Bit
Type
Function
Default
Bit 7
R
RD[7]
X
Bit 6
R
RD[6]
X
Bit 5
R
RD[5]
X
Bit 4
R
RD[4]
X
Bit 3
R
RD[3]
X
Bit 2
R
RD[2]
X
Bit 1
R
RD[1]
X
Bit 0
R
RD[0]
X
Consecutive reads of the RDLC Status and Data Registers should not occur at rates greater than
1/10 that of the clock selected by the LINESYSCLK bit of the S/UNI-JET Miscellaneous
Register (39BH).
RD[7:0]
RD[7:0] contains the received data link information. RD[0] corresponds to the first received
bit of the data link message.
This register reads from the RDLC 128-byte FIFO buffer. If data is available, the FE bit in the
FIFO Input Status Register is logic zero.
When an overrun is detected, an interrupt is generated and the FIFO buffer is held cleared
until the RDLC Status Register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com