Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 184 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 184 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 180Page - PMC-Sierra, Inc PM7347 Datasheet HTML 181Page - PMC-Sierra, Inc PM7347 Datasheet HTML 182Page - PMC-Sierra, Inc PM7347 Datasheet HTML 183Page - PMC-Sierra, Inc PM7347 Datasheet HTML 184Page - PMC-Sierra, Inc PM7347 Datasheet HTML 185Page - PMC-Sierra, Inc PM7347 Datasheet HTML 186Page - PMC-Sierra, Inc PM7347 Datasheet HTML 187Page - PMC-Sierra, Inc PM7347 Datasheet HTML 188Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
184
Document ID: PMC-1990267, Issue 3
EOM
The EOM bit indicates that the last byte of data written in the Transmit Data Register is the
end of the present data packet. If the CRC bit is set then the 16-bit FCS word is appended to
the last data byte transmitted and a continuous stream of flags is generated. The EOM bit is
automatically cleared upon a write to the TDPR Transmit Data Register.
Reserved
This bit should be set to logic zero for proper operation.
FIFOCLR
The FIFOCLR bit resets the TDPR FIFO. When set to logic one, FIFOCLR will cause the
TDPR FIFO to be cleared.
FLGSHARE
The FLGSHARE bit configures the TDPR to share the opening and closing flags between
successive frames. If FLGSHARE is logic one, then the opening and closing flags between
successive frames are shared. If FLGSHARE is logic zero, then separate closing and opening
flags are inserted between successive frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com