Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 186 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 186 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 182Page - PMC-Sierra, Inc PM7347 Datasheet HTML 183Page - PMC-Sierra, Inc PM7347 Datasheet HTML 184Page - PMC-Sierra, Inc PM7347 Datasheet HTML 185Page - PMC-Sierra, Inc PM7347 Datasheet HTML 186Page - PMC-Sierra, Inc PM7347 Datasheet HTML 187Page - PMC-Sierra, Inc PM7347 Datasheet HTML 188Page - PMC-Sierra, Inc PM7347 Datasheet HTML 189Page - PMC-Sierra, Inc PM7347 Datasheet HTML 190Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
186
Document ID: PMC-1990267, Issue 3
Register 35AH: TDPR Lower Interrupt Threshold
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R/W
LINT[6]
0
Bit 5
R/W
LINT[5]
0
Bit 4
R/W
LINT[4]
0
Bit 3
R/W
LINT[3]
0
Bit 2
R/W
LINT[2]
1
Bit 1
R/W
LINT[1]
1
Bit 0
R/W
LINT[0]
1
LINT[6:0]
The LINT[6:0] bits define the TDPR FIFO fill level which causes an internal interrupt
(LFILLI) to be generated. Once the TDPR FIFO level decrements to empty or to a value less
than LINT[6:0], LFILLI and BLFILL register bits will be set to logic one. LFILLI will cause
an interrupt on INTB if LFILLE is set to logic one.
The value of LINT[6:0] must always be less than the value of UTHR[6:0] unless both values
are equal to 00H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com