Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 187 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 187 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 183Page - PMC-Sierra, Inc PM7347 Datasheet HTML 184Page - PMC-Sierra, Inc PM7347 Datasheet HTML 185Page - PMC-Sierra, Inc PM7347 Datasheet HTML 186Page - PMC-Sierra, Inc PM7347 Datasheet HTML 187Page - PMC-Sierra, Inc PM7347 Datasheet HTML 188Page - PMC-Sierra, Inc PM7347 Datasheet HTML 189Page - PMC-Sierra, Inc PM7347 Datasheet HTML 190Page - PMC-Sierra, Inc PM7347 Datasheet HTML 191Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
187
Document ID: PMC-1990267, Issue 3
Register 35BH: TDPR Interrupt Enable
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
R/W
Reserved
0
Bit 3
R/W
FULLE
0
Bit 2
R/W
OVRE
0
Bit 1
R/W
UDRE
0
Bit 0
R/W
LFILLE
0
LFILLE
The LFILLE enables a transition to logic one on LFILLI to generate an interrupt on INTB. If
LFILLE is a logic one, a transition to logic one on LFILLI will generate an interrupt on
INTB. If LFILLE is a logic zero, a transition to logic one on LFILLI will not generate an
interrupt on INTB.
UDRE
The UDRE enables a transition to logic one on UDRI to generate an interrupt on INTB. If
UDRE is a logic one, a transition to logic one on UDRI will generate an interrupt on INTB. If
UDRE is a logic zero, a transition to logic one on UDRI will not generate an interrupt on
INTB.
OVRE
The OVRE enables a transition to logic one on OVRI to generate an interrupt on INTB. If
OVRE is a logic one, a transition to logic one on OVRI will generate an interrupt on INTB. If
OVRE is a logic zero, a transition to logic one on OVRI will not generate an interrupt on
INTB.
FULLE
The FULLE enables a transition to logic one on FULLI to generate an interrupt on INTB. If
FULLE is a logic one, a transition to logic one on FULLI will generate an interrupt on INTB.
If FULLE is a logic zero, a transition to logic one on FULLI will not generate an interrupt on
INTB.
Reserved
This bit should be set to logic zero for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com