Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 191 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 191 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 187Page - PMC-Sierra, Inc PM7347 Datasheet HTML 188Page - PMC-Sierra, Inc PM7347 Datasheet HTML 189Page - PMC-Sierra, Inc PM7347 Datasheet HTML 190Page - PMC-Sierra, Inc PM7347 Datasheet HTML 191Page - PMC-Sierra, Inc PM7347 Datasheet HTML 192Page - PMC-Sierra, Inc PM7347 Datasheet HTML 193Page - PMC-Sierra, Inc PM7347 Datasheet HTML 194Page - PMC-Sierra, Inc PM7347 Datasheet HTML 195Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
191
Document ID: PMC-1990267, Issue 3
Register 360H: RXCP-50 Configuration 1
Bit
Type
Function
Default
Bit 7
R/W
DDSCR
0
Bit 6
R/W
HDSCR
0
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
R/W
HCSADD
1
Bit 1
R/W
HCSDQDB
0
Bit 0
R/W
DISCOR
0
DISCOR
The DISCOR bit controls the HCS error correction algorithm. When DISCOR is a logic zero,
the error correction algorithm is enabled, and single-bit errors detected in the cell header are
corrected. When DISCOR is a logic one, the error correction algorithm is disabled, and any
error detected in the cell header is treated as an uncorrectable HCS error.
HCSDQDB
The HCSDQDB bit enables HCS checking for either ATM type cells or DQDB type cells.
When logic zero, ATM type cells are processed by checking all four octets in the header for
HCS validation. When logic one, DQDB cells are processed by checking only three of the
header octets (octets 2, 3 and 4) for HCS validation.
HCSADD
The HCSADD bit controls the addition of the coset polynomial, x6+x4+x2+1, to the HCS
octet prior to comparison. When HCSADD is a logic one, the polynomial is added, and the
resulting HCS is compared. When HCSADD is a logic zero, the polynomial is not added, and
the unmodified HCS is compared.
HDSCR
HDSCR enables the self-synchronous x43 + 1 descrambler to continue running through the
bytes which should contain the ATM cell headers. When HDSCR is set to logic zero, the
descrambling polynomial will function only over the ATM payload bytes. When HDSCR is
set to logic one, the descrambling polynomial will function over all bytes, including the five
ATM header bytes. This function is available for use with PPP packets and flags which are
scrambled at the source to prevent the generation of "killer" sequences.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com