Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 193 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 193 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 189Page - PMC-Sierra, Inc PM7347 Datasheet HTML 190Page - PMC-Sierra, Inc PM7347 Datasheet HTML 191Page - PMC-Sierra, Inc PM7347 Datasheet HTML 192Page - PMC-Sierra, Inc PM7347 Datasheet HTML 193Page - PMC-Sierra, Inc PM7347 Datasheet HTML 194Page - PMC-Sierra, Inc PM7347 Datasheet HTML 195Page - PMC-Sierra, Inc PM7347 Datasheet HTML 196Page - PMC-Sierra, Inc PM7347 Datasheet HTML 197Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
193
Document ID: PMC-1990267, Issue 3
Register 361H: RXCP-50 Configuration 2
Bit
Type
Function
Default
Bit 7
R/W
CCDIS
0
Bit 6
R/W
HCSPASS
0
Bit 5
R/W
IDLEPASS
0
Bit 4
R/W
IN52
0
Bit 3
R/W
ALIGN[1]
0
Bit 2
R/W
ALIGN[0]
0
Bit 1
R/W
HCSFTR[1]
0
Bit 0
R/W
HCSFTR[0]
0
HCSFTR[1:0]
The HCS filter bits, HCSFTR[1:0] indicate the number of consecutive error-free cells
required, while in detection mode, before reverting back to correction mode. Refer to Table
20.
Table 20 RXCP-50 HCS Filtering Configurations
HCSFTR[1:0]
Cell Acceptance Threshold
00
One ATM cell with correct HCS before resumption of cell acceptance. This cell
is accepted.
01
Two ATM cells with correct HCS before resumption of cell acceptance. The last
cell is accepted.
10
Four ATM cells with correct HCS before resumption of cell acceptance. The last
cell is accepted.
11
Eight ATM cells with correct HCS before resumption of cell acceptance. The
last cell is accepted.
ALIGN[1:0]
ALIGN[1:0] configures the RXCP-50 to perform cell delineation based on byte, nibble, or bit
wide search algorithms when ATM Direct Mapping is used. Cell alignment is relative to
overhead bits in the serial input data stream. The ALIGN[1:0] bits are valid only if ATM
direct mapping is used. PLCP framing must be disabled. The Recommended settings for DS3,
E3, and J2 are shown in Table 21.
Table 21 RXCP-50 Cell Delineation Algorithm Base
ALIGN[1:0]
Cell Delineation Algorithm base
00
Bit
01
Nibble (DS3)
10
Byte (E3,J2, E1, T1)
11
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com