Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 197 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 197 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 193Page - PMC-Sierra, Inc PM7347 Datasheet HTML 194Page - PMC-Sierra, Inc PM7347 Datasheet HTML 195Page - PMC-Sierra, Inc PM7347 Datasheet HTML 196Page - PMC-Sierra, Inc PM7347 Datasheet HTML 197Page - PMC-Sierra, Inc PM7347 Datasheet HTML 198Page - PMC-Sierra, Inc PM7347 Datasheet HTML 199Page - PMC-Sierra, Inc PM7347 Datasheet HTML 200Page - PMC-Sierra, Inc PM7347 Datasheet HTML 201Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
197
Document ID: PMC-1990267, Issue 3
Register 363H: RXCP-50 Interrupt Enables and Counter Status
Bit
Type
Function
Default
Bit 7
R
XFERI
X
Bit 6
R
OVR
X
Bit 5
Unused
X
Bit 4
R/W
XFERE
0
Bit 3
R/W
OOCDE
0
Bit 2
R/W
HCSE
0
Bit 1
R/W
FOVRE
0
Bit 0
R/W
LCDE
0
LCDE
The LCDE bit enables the generation of an interrupt due to a change in the LCD state. When
LCDE is set to logic one, the interrupt is enabled.
FOVRE
The FOVRE bit enables the generation of an interrupt due to a FIFO overrun error condition.
When FOVRE is set to logic one, the interrupt is enabled.
HCSE
The HCSE bit enables the generation of an interrupt due to the detection of a corrected or an
uncorrected HCS error. When HCSE is set to logic one, the interrupt is enabled.
OOCDE
The OOCDE bit enables the generation of an interrupt due to a change in cell delineation
state. When OOCDE is set to logic one, the interrupt is enabled.
XFERE
The XFERE bit enables the generation of an interrupt when an accumulation interval is
completed and new values are stored in the RXCP-50 Count Registers. When XFERE is set
to logic one, the interrupt is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com