Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 199 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 199 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 195Page - PMC-Sierra, Inc PM7347 Datasheet HTML 196Page - PMC-Sierra, Inc PM7347 Datasheet HTML 197Page - PMC-Sierra, Inc PM7347 Datasheet HTML 198Page - PMC-Sierra, Inc PM7347 Datasheet HTML 199Page - PMC-Sierra, Inc PM7347 Datasheet HTML 200Page - PMC-Sierra, Inc PM7347 Datasheet HTML 201Page - PMC-Sierra, Inc PM7347 Datasheet HTML 202Page - PMC-Sierra, Inc PM7347 Datasheet HTML 203Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
199
Document ID: PMC-1990267, Issue 3
Register 364H: RXCP-50 Status/Interrupt Status
Bit
Type
Function
Default
Bit 7
R
OOCDV
X
Bit 6
R
LCDV
X
Bit 5
Unused
X
Bit 4
R
OOCDI
X
Bit 3
R
CHCSI
X
Bit 2
R
UHCSI
X
Bit 1
R
FOVRI
X
Bit 0
R
LCDI
X
LCDI
The LCDI bit is set high when there is a change in the loss of cell delineation (LCD) state.
This bit is reset immediately after a read to this register.
FOVRI
The FOVRI bit is set to logic one when a FIFO overrun occurs. This bit is reset immediately
after a read to this register. No further FIFO overrun indications will occur until the condition
which caused the original overrun has cleared. In the case where continuous FIFO overruns
are occurring, only a single overrun indication (FOVRI -> ‘1’) will be recorded until the
overruns cease.
UHCSI
The UHCSI bit is set high when an uncorrected HCS error is detected. This bit is reset
immediately after a read to this register.
CHCSI
The CHCSI bit is set high when a corrected HCS error is detected. This bit is reset
immediately after a read to this register.
OOCDI
The OOCDI bit is set high when the RXCP-50 enters or exits the SYNC state. The OOCDV
bit indicates whether the RXCP-50 is in the SYNC state or not. The OOCDI bit is reset
immediately after a read to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com