Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 203 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 203 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 199Page - PMC-Sierra, Inc PM7347 Datasheet HTML 200Page - PMC-Sierra, Inc PM7347 Datasheet HTML 201Page - PMC-Sierra, Inc PM7347 Datasheet HTML 202Page - PMC-Sierra, Inc PM7347 Datasheet HTML 203Page - PMC-Sierra, Inc PM7347 Datasheet HTML 204Page - PMC-Sierra, Inc PM7347 Datasheet HTML 205Page - PMC-Sierra, Inc PM7347 Datasheet HTML 206Page - PMC-Sierra, Inc PM7347 Datasheet HTML 207Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
203
Document ID: PMC-1990267, Issue 3
Register 367H: RXCP-50 Idle Cell Header Pattern
Bit
Type
Function
Default
Bit 7
R/W
GFC[3]
0
Bit 6
R/W
GFC[2]
0
Bit 5
R/W
GFC[1]
0
Bit 4
R/W
GFC[0]
0
Bit 3
R/W
PTI[3]
0
Bit 2
R/W
PTI[2]
0
Bit 1
R/W
PTI[1]
0
Bit 0
R/W
CLP
1
GFC[3:0]
The GFC[3:0] bits contain the pattern to match in the first, second, third, and fourth bits of
the first octet of the 53-octet cell, in conjunction with the Idle Cell Header Mask Register.
The IDLEPASS bit in the Configuration 2 Register must be set to logic zero to enable
dropping of cells matching this pattern. Note: An all-zeros pattern must be present in the VPI
and VCI fields of the idle or unassigned cell.
PTI[2:0]
The PTI[2:0] bits contain the pattern to match in the fifth, sixth, and seventh bits of the fourth
octet of the 53-octet cell, in conjunction with the Idle Cell Header Mask Register. The
IDLEPASS bit in the Configuration 2 Register must be set to logic zero to enable dropping of
cells matching this pattern.
CLP
The CLP bit contains the pattern to match in the eighth bit of the fourth octet of the 53-octet
cell, in conjunction with the Match Header Mask Register. The IDLEPASS bit in the
Configuration 2 Register must be set to logic zero to enable dropping of cells matching this
pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com