Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 205 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 205 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 201Page - PMC-Sierra, Inc PM7347 Datasheet HTML 202Page - PMC-Sierra, Inc PM7347 Datasheet HTML 203Page - PMC-Sierra, Inc PM7347 Datasheet HTML 204Page - PMC-Sierra, Inc PM7347 Datasheet HTML 205Page - PMC-Sierra, Inc PM7347 Datasheet HTML 206Page - PMC-Sierra, Inc PM7347 Datasheet HTML 207Page - PMC-Sierra, Inc PM7347 Datasheet HTML 208Page - PMC-Sierra, Inc PM7347 Datasheet HTML 209Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
205
Document ID: PMC-1990267, Issue 3
Register 369H: RXCP-50 Corrected HCS Error Count
Bit
Type
Function
Default
Bit 7
R
CHCS[7]
X
Bit 6
R
CHCS[6]
X
Bit 5
R
CHCS[5]
X
Bit 4
R
CHCS[4]
X
Bit 3
R
CHCS[3]
X
Bit 2
R
CHCS[2]
X
Bit 1
R
CHCS[1]
X
Bit 0
R
CHCS[0]
X
CHCS[7:0]
The CHCS[7:0] bits indicate the number of corrected HCS error events that occurred during
the last accumulation interval. The contents of these registers are valid after 24 RCLK periods
containing cell header or payload data (line or PLCP overhead periods do not count) after a
transfer is triggered by a write to one of RXCP-50's performance monitor counters (Registers
369H – 371H) or to the S/UNI-JET Identification, Master Reset, and Global Monitor Update
Register (006H).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com