Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 200 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 200 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 196Page - PMC-Sierra, Inc PM7347 Datasheet HTML 197Page - PMC-Sierra, Inc PM7347 Datasheet HTML 198Page - PMC-Sierra, Inc PM7347 Datasheet HTML 199Page - PMC-Sierra, Inc PM7347 Datasheet HTML 200Page - PMC-Sierra, Inc PM7347 Datasheet HTML 201Page - PMC-Sierra, Inc PM7347 Datasheet HTML 202Page - PMC-Sierra, Inc PM7347 Datasheet HTML 203Page - PMC-Sierra, Inc PM7347 Datasheet HTML 204Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
200
Document ID: PMC-1990267, Issue 3
LCDV
The LCDV bit gives the Loss of Cell Delineation state. When LCD is logic one, an out of cell
delineation (OCD) defect has persisted for the number of cells specified in the LCD Count
Threshold Register. When LCD is logic zero, no OCD has persisted for the number of cells
specified in the LCD Count Threshold Register. The cell time period can be varied by using
the LCDC[7:0] register bits in the RXCP-50 LCD Count Threshold Register.
OOCDV
The OOCDV bit indicates the cell delineation state. When OOCDV is high, the cell
delineation state machine is in the 'HUNT' or 'PRESYNC' states and is hunting for the cell
boundaries. When OOCDV is low, the cell delineation state machine is in the 'SYNC' state
and cells are passed through the receive FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com