Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 41 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 41 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 37Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 38Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 39Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 40Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 41Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 42Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 43Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 44Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 45Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 512 page
background image
Chapter 1 Outline and Features
1-1
1.
Outline and Features
1.1
Outline
The TMPR3927C (hereinafter called “TX3927”) is a standard microcontroller of the TX39 family, which
is one of Toshiba’s 32-bit TX System RISC families.
The TX3927 uses the TX39/H2 processor core as the CPU. The TX39/H2 processor core is a 32-bit RISC
CPU core Toshiba developed based on the R3000A architecture of MIPS Technologies, Inc. (“MIPS”).
The TX3927 is designed for embedded applications. In addition to its TX39/H2 processor core, the
TX3927 also incorporates peripheral circuits such as memory controllers, PCI and DMA controllers, serial
and parallel ports, and timers/counters.
For information on the architecture of the TX39/H2 processor core, including the instruction set, refer to
the following document:
32-bit TX System RISC, TX39/H2 Family Processor Core Architecture: Databook
R3000A is a trademark of MIPS Technologies, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com