Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 73 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 73 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 69Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 70Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 71Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 72Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 73Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 74Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 75Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 76Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 77Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 512 page
background image
Chapter 5 Configuration
5-5
Bits
Mnemonic
Field Name
Description
13 : 12
SELSIO [1 : 0]
Select SIO
Function
Select SIO/PIO function select (initial value: 00)
SELSIO[1]: Selects the functions of RXD[1]/PIO[6] and TXD[1]/PIO[5].
SELSIO[0]: Selects the functions of RXD[0]/PIO[4] and TXD[0]/PIO[3].
0: PIO pin
1: SIO pin
Refer to “3.3 Pin Multiplexing” and Table 5.1.1 for details of pin multiplexing.
11 : 9SELTMR [2 : 0]
Select TMR
Function
Select TIMER/PIO Function Select (initial value: 000)
SELTMR[2]: Used in conjunction with SELDONE to select the function of
DMADONE/TIMER[0]/PIO[7].
SELTMR[1]: Used in conjunction with SELDMA[3] to select the function of
DMAREQ[3]/TIMER[1]/PIO[15].
SELTMR[0]: Used in conjunction with SELDMA[3] to select the function of
DMAACK[3]/TIMER[0]/PIO[14].
Refer to “3.3 Pin Multiplexing” and Table 5.1.1 for details of pin multiplexing.
8
SELDONE
Select
DMADONE
Select DMADONE*/PIO (initial value: 0)
Used in conjunction with SELTMR[2] to select the function of
DMADONE/TIMER[0]/PIO[7].
Refer to “3.3 Pin Multiplexing” and Table 5.1.1 for details of pin multiplexing.
7 : 4INTDMA [3 : 0]
Select Internal
DMA Request
Internal/External DMA Source connection (initial value: 0000)
Specifies whether the external I/O or internal SIO is used as a DMA request source.
INTDMA[3]:
0: DMAREQ/ACK[3] connects to external pins.
1: DMAREQ/ACK[3] connects to SIO[1] SITXDREQ/ACK.
INTDMA[2]:
0: DMAREQ/ACK[2] connects to external pins.
1: DMAREQ/ACK[2] connects to SIO[0] SITXDREQ/ACK.
INTDMA[1]:
0: DMAREQ/ACK[1] connects to external pins.
1: DMAREQ/ACK[1] connects to SIO[1] SIRXDREQ/ACK.
INTDMA[0]:
0: DMAREQ/ACK[0] connects to external pins.
1: DMAREQ/ACK[0] connects to SIO[0] SIRXDREQ/ACK.
3 : 0SELDMA [3 : 0]
Select DMA
Function
Select DMA/PIO/TIMER Function (initial value: 0000)
SELDMA[3]: Used in conjunction with SELTMR[1:0] to select the functions of
DMAREQ[3]/PIO[15]/TIMER[1] and DMAACK[3]/PIO[14]/TIMER[0].
SELDMA[2]: Used to select the functions of DMAREQ[2]/PIO[13] and
DMAACK[2]/PIO[12].
SELDMA[1]: Used in conjunction with SELCS to select the functions of
DMAREQ[1]/PIO[11]/SDCS_CE[7] and DMAACK[1]/PIO[10]/
SDCS_CE[6].
SELDMA[0]: Used to select the functions of DMAREQ[0]/PIO[9] and
DMAACK[0]/PIO[8].
Refer to “3.3 Pin Multiplexing” and Table 5.1.1 for details of pin multiplexing.
Note:
For the bits other than those defined above, write the values shown in the figure.
Figure 5.1.3 Pin Configuration Register (2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com