Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 53 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 53 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 49Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 50Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 51Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 52Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 53Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 54Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 55Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 56Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 57Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 512 page
background image
Chapter 3 Pins
3-7
Signal Name
I/O
Description
DMA interface
DMAREQ [3:0]
I
DMA Request
DMA transfer request signals from an external I/O device.
The pins are multiplexed with PIO, TIMER, TCLK, SDCS[7], and CE[7].
Refer to “3.3 Pin Multiplexing” for details.
The pins are equipped with internal pull-up resistors.
DMAACK [3:0]
O
DMA Acknowledge
DMA transfer acknowledge signals to an external I/O device.
The pins are multiplexed with PIO, TIMER, SDCS[6], and CE[6].
Refer to “3.3 Pin Multiplexing” for details.
The pins are equipped with internal pull-up resistors.
DMADONE*
I/O
DMA Done
DMADONE is either used as an output signal that reports the termination of DMA
transfer or as an input signal that causes DMA transfer to terminate.
The pin is equipped with an internal pull-up resistor.
SIO interface
TXD [1:0]
O
SIO Transmit Data
Serial data output signals.
The TXD pins are multiplexed with PIO.
The pins are equipped with internal pull-up resistors.
RXD [1:0]
I
SIO Receive Data
Serial data input signals.
The RXD pins are multiplexed with PIO.
The pins are equipped with internal pull-up resistors.
RTS [1:0] *
O
Request to Send
RTS* signals.
The RTS pins are multiplexed with PIO, INT, DSF, and debug signal GPCST[3].
The pins are equipped with internal pull-up resistors.
CTS [1:0] *
I
Clear to Send
CTS* signals.
The CTS pins are multiplexed with PIO, INT, and debug signal GSDAO[1].
The pins are equipped with internal pull-up resistors.
SCLK
I
SIO Clock
SIO clock input signal. SIO0 and SIO1 share this signal.
The pin is equipped with an internal pull-up resistor.
Parallel interface
PIO [15:0]
I/O
PIO Port
The PIO[0] pin is dedicated to a PIO signal. The other pins, PIO[15:1], are
multiplexed with DMA, interrupt input, timer, serial interface, and SGRAM DSF
signals.
The pins are equipped with internal pull-up resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com