| Electronic Components Datasheet Search |
|
TMPR3927 Datasheet(PDF) 61 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR3927 Datasheet(HTML) 61 Page - Toshiba Semiconductor |
|
61 / 512 page ![]() Chapter 4 Address Mapping 4-1 4. Address Mapping 4.1 Memory Mapping The TX3927 supports up to 4G bytes of address space. The memory map of the TX3927 is managed by the memory management unit (MMU) of the TX39/H2 processor core. Table 4.1.1 summarizes the address mapping of the TX3927. Figure 4.1.1 shows the address map in TLB OFF. Figure 4.1.2 shows the address map in TLB ON. For more information on the memory map of the TX39/H2 processor core, refer to the 32-bit TX System RISC, TX39/H2 Family Processor Core Architecture: Databook. Table 4.1.1 TX3927 Address Mapping Cacheable Area Segment Virtual Address Physical Address TLB on TLB off Mode kseg2 (Reserved) 0xFFFF_FFFF 0xFFFF_0000 0xFFFF_FFFF 0xFFFF_0000 Cacheable Uncacheable Kernel Kseg2 (Reserved) 0xFFFE FFFF 0xFF00 0000 0xFFFE FFFF 0xFF00 0000 Uncacheable Uncacheable Kernel kseg2 0xFEFF_FFFF 0xC000_0000 0xFEFF_FFFF 0xC000_0000 Cacheable Cacheable Kernel kseg1 0xBFFF_FFFF 0xA000_0000 0x1FFF_FFFF 0x0000_0000 Uncacheable Uncacheable Kernel kseg0 0x9FFF_FFFF 0x8000_0000 0x1FFF_FFFF 0x0000_0000 Cacheable Cacheable Kernel Kuseg (Reserved) 0x7FFF_FFFF 0x7F00_0000 0xBFFF_FFFF 0xBF00_0000 Cacheable Uncacheable Kernel/user kuseg 0x7EFF_FFFF 0x0000_0000 0xBEFF_FFFF 0x4000_0000 Cacheable Cacheable Kernel/user In the TX3927, the memory controllers (SDRAMC and ROMC) are used to specify the address (physical address) in the memory (SDRAM, ROM, etc.) or I/O device to be connected. The boot memory device is assigned channel 0 of ROMC or SDRAMC. Immediately after a reset, both channels have a base address of 0x1FC0_0000 (physical address), from which instruction fetch is started. The top area of kseg2 (0xFF00_0000-0xFFFE_FFFF) is reserved. The registers of the TX3927 built-in modules are allocated in this area. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |