Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 54 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 54 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 50Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 51Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 52Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 53Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 54Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 55Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 56Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 57Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 58Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 512 page
background image
Chapter 3 Pins
3-8
Signal Name
I/O
Description
Debug interface
GDCLK
O
Debug Clock Signal
Clock signal for an external real-time debug system.
GSDAO [1:0]
O
Serial Data and Address Output/Target PC
Output signals for an external real-time debug system.
GPCST [3:0]
O
PC Trace Status
PC trace output signals for an external real-time debug system.
GDRESET*
I
Debug Reset
Reset signal for an external real-time debug system.
The pin is equipped with an internal pull-up resistor.
GDBGE*
I
Debugger Enable
Enable signal for an external real-time debug system.
The pin is equipped with an internal pull-up resistor.
GSDI*
I
Serial Data input/Debug Interrupt
Input signal for an external real-time debug system.
The pin is equipped with an internal pull-up resistor.
Other signals
TEST*
ITest
Test pin. Fix the pin to high.
The pin is equipped with an internal pull-up resistor.
SCAN_ENB*
I
Scan Mode Test Control
Test pin. Fix the pin to high.
The pin is equipped with an internal pull-up resistor.
PLLVDD
Power supply pin for the PLL. Supply 2.5 V.
PLLVSS
Ground pin for the PLL.
VDD2
Power supply pin for the internal logic. Supply 2.5 V.
VSS2
Ground pin for the internal logic.
VDDS
Power supply pin for the I/O ports. Supply 3.3 V.
VSS
Ground pin for the I/O ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com