Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 43 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 43 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 39Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 40Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 41Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 42Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 43Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 44Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 45Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 46Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 47Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 512 page
background image
Chapter 1 Outline and Features
1-3
1.3
Features
(1) TX39/H2 processor core
•
The TX39/H2 is a high-performance 32-bit microprocessor core Toshiba developed based on the
R3000A architecture.
•
8K bytes of instruction cache (2-way set associative)
•
4K bytes of data cache (2-way set associative)
•
Supports burst refill and cache locking functions
•
Supports critical word first mode
•
MMU containing transition lookaside buffer (TLB)
•
Built-in hardware MAC unit for single-cycle DSP operation (throughput)
•
Built-in debug support unit (DSU)
(2) SDRAM controller
•
8 channels (6 channels shared with ROMC)
•
Supports SDRAM, DIMM flash, SGRAM, or SMROM memory
•
Supports 16M/64M/128M/256M-bit SDRAM with 2/4 bank size availability
•
Supports 16/32-bit data bus sizing on a per channel basis
•
Supports single data rate (SDR) SDRAM
•
Supports JEDEC standard 100-pin or 168-pin DIMM sockets for SDRAM
•
Supports JEDEC standard 100-pin DIMM sockets for flash memory
•
CKE-based timing control
•
Refresh control
•
Self-refreshing
•
66 MHz clock
(3) ROM Controller
•
8 channels (6 channels shared with SDRAMC)
•
Supports ROM, page mode ROM, mask ROM, EPROM, E
2PROM, SRAM, and flash memory and
I/O devices
•
Supports memory sizes of 1M byte to 1G byte in 32-bit mode, and sizes of 1M byte to 512M bytes
in 16-bit mode.
•
Supports 16/32-bit data bus sizing on a per channel basis
•
Supports full speed (66 MHz max.)/half speed (33 MHz max.) bus mode
•
Supports selection between internal and external wait modes (ACK*/RDY)
(4) Timers/Counters
•
3-channel 24-bit up-counter
•
Supports interval timer mode, pulse generator mode, and watchdog timer mode (only for timer 2).
•
2 timer output pins
•
Supports external input clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com