Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 55 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 55 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 51Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 52Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 53Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 54Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 55Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 56Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 57Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 58Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 59Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 512 page
background image
Chapter 3 Pins
3-9
3.3
Pin Multiplexing
A total of 24 pins of the TX3927 have multiplexed functions. Table 3.3.1 shows the multiplexed pins.
The functions of individual pins are selected in different ways. Table 3.3.2 shows the pins for which the
PCFG control register determines the functions.
Table 3.3.1 Pin Multiplexing
Pin No.
Signal Name
Multiplexed Functions
217
SDCS_CE [5] *
SDCS [5] */CE [5] *
216
SDCS_CE [4] *
SDCS [4] */CE [4] *
215
SDCS_CE [3] *
SDCS [3] */CE [3] *
214
SDCS_CE [2] *
SDCS [2] */CE [2] *
52
GNT [0] *
GNT_0_OUT/GNT_IN
56
REQ [0] *
REQ_0_IN/REQ_OUT
55
REQ [1] *
REQ_1_IN/XINT_OUT
125
DMAREQ [3]
PIO [15] /DMAREQ [3] /TIMER [1]
126
DMAACK [3]
PIO [14] /DMAACK [3] /TIMER [0]
127
DMAREQ [2]
PIO [13] /DMAREQ [2] /TCLK
128
DMAACK [2]
PIO [12] /DMAACK [2]
220
DMAREQ [1]
PIO [11] /DMAREQ [1] /SDCS [7] */CE [7] *
219
DMAACK [1]
PIO [10] /DMAACK [1] /SDCS [6] */CE [6] *
129
DMAREQ [0]
PIO [9] /DMAREQ [0]
132
DMAACK [0]
PIO [8] /DMAACK [0]
133
DMADONE*
PIO [7] /DMADONE*/TIMER [0]
26
RXD [1]
PIO [6] /RXD [1]
27
TXD [1]
PIO [5] /TXD [1]
22
RXD [0]
PIO [4] /RXD [0]
23
TXD [0]
PIO [3] /TXD [0]
28
CTS [1] *
PIO [2] /CTS [1] */GSDAO [1]
34
RTS [1] *
PIO [1] /RTS [1] */DSF/GPCST [3]
25
CTS [0] *
INT [5] /CTS [0] *
24
RTS [0] *
INT [4] /RTS [0] *
The SDCS_CE[5:2]* chip select signals, corresponding to channels 5 to 2, respectively, are shared
for both SDRAM and ROM. If a given SDRAM or ROM channel is enabled using the SDRAM or
ROM controller, the corresponding pin is assigned to that channel. If SDRAM and ROM channels
having an identical number are enabled at the same time, the signal on the corresponding SDCS_CE pin
is asserted in both SDRAM and ROM bus cycles, resulting in undetermined memory data.
The PCI grant signals (GNT[3:0]*) and request signals (REQ[3:0]*) have different operations
depending on whether the chip booted into external or internal PCI arbiter mode. In internal arbiter
mode, REQ[3:0]* are input signals and GNT[3:0]* are output signals.
In external arbiter mode, REQ[0]* becomes a request signal output to the PCI module and GNT[0]*
becomes a grant signal input from the PCI module. REQ[1]* becomes an interrupt output that can be
controlled with the PIO module flag registers. REQ[3:2]* and GNT[3:1]*, which become output and
input pins, respectively, are not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com