Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 96 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 96 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 92Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 93Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 94Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 95Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 96Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 97Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 98Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 99Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 100Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 512 page
background image
Chapter 8 SDRAM Controller
8-12
8.4.6
SDRAM Command Register (SDCCMD) 0xFFFE_802C
31
24
23
16
Model Number
Version Number
RR
: Type
0x20
0x10
: Initial value
15
12
11
4
3
0
0
SDCMSK
SDCMD
R/W
R/W
: Type
0x00
0x0
: Initial value
Bits
Mnemonic
Field Name
Description
31 : 24
Model Number
Model Number
Model Number (initial value: 0x20)
Shows the model number.
The TX3927’s model number is 0x20. The field is read-only.
23 : 16
Version Number
Version Number
Version Number (initial value: 0x10)
Shows the version number.
The TX3927’s version number is 0x10. The field is read-only.
11 : 4
SDCMSK
Channel Mask
Channel Mask (initial value: 0x00)
A “1” enables the command for the corresponding channel. The command is
executed in parallel on all enabled channels.
1
Bit 11: Channel 7
Bit 10: Channel 6
Bit 9: Channel 5
Bit 8: Channel 4
Bit 7: Channel 3
Bit 6: Channel 2
Bit 5: Channel 1
Bit 4: Channel 0
3 : 0
SDCMD
Command
Command (initial value: 0x0)
Selects the command for memory.
0x0: NOP command
0x1: Set the SDRAM/SGRAM mode register.
0x2: Set the SMROM mode register.
0x3: Precharge all SDRAM/SGRAM banks (PALL).
0x4: Enter low power mode.
0x5: Enter power-down mode.
0x6: Exit low power/power-down mode.
0x7-0xf: Reserved
Commands will only be executed on channels with a memory type of SDRAM,
SMROM, or SGRAM. Low power mode is self-refresh mode for SDRAMs/SGRAMs
and low power mode for SMROMs. Power-down mode is precharge power-down
mode for SDRAMs/SGRAMs and low power mode for SMROMs.
Note 1: The mask bits are also used for the SGRAM load mask and load color registers.
Any write cycle for the command register will wait until the command is executed. Therefore,
memory cycles cannot be executed until the command cycle is executed. The command cannot start
until the SDRAMC becomes idle.
First use the channel control register to enable the target channel before executing a command for the
channel. Commands will only be executed on channels enabled with the channel control register.
Figure 8.4.5 SDRAM Command Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com