Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 79 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 79 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 75Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 76Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 77Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 78Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 79Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 80Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 81Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 82Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 83Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 512 page
background image
Chapter 6 Clocks
6-3
6.3.2
Register
The power-down control register (PDCR) is used to control the power-down process. Bit 16 of this
register is the power-down trigger bit (PDN), which is cleared to "0" by a reset. A subsequent transition
from "0" to "1" will initiate the power-down sequence. The bit is not cleared automatically, so software
must clear this bit before starting another power-down sequence. Bits [23:17] (PDNMSK[6:0]) contain
a 7-bit mask for the interrupt input pins. Bit 17 masks external interrupt 0, bit 18 masks external
interrupt 1, and so on. A "0" value in any mask bit prevents that interrupt pin from starting the power-up
sequence while a "1" allows it. Bits [15:0] contain a value that determines the dominant delay between
the PLL being enabled and the input clocks from the clock generator being activated. The total power-
up delay is the sum of this value plus 24 XIN clock cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com