Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 57 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 57 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 53Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 54Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 55Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 56Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 57Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 58Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 59Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 60Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 61Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 512 page
background image
Chapter 3 Pins
3-11
Table 3.3.2 Pin Functions Corresponding to The Settings of PCFG Control Register Bits
Pin/Function
Pin/Function
PCFG Control Bits
DMAREQ [3]
DMAACK [3]
SELDMA [3]
SELTMR [1]
SELTMR [0]
PIO [15]
PIO [14]
0
0
0
PIO [15]
TIMER [0]
0
0
1
TIMER [1]
PIO [14]
0
1
0
TIMER [1]
TIMER [0]
0
1
1
DMAREQ [3]
DMAACK [3]
1
x
x
DMAREQ [2]
DMAACK [2]
SELDMA [2]
PIO [13]
PIO [12]
0
DMAREQ [2]
DMAACK [2]
1
DMAREQ [1]
DMAACK [1]
SELDMA [1]
SELCS
PIO [11]
PIO [10]
0
0
SDCS_CE [7]*
SDCS_CE [6]*
01
DMAREQ [1]
DMAACK [1]
1
x
DMAREQ [0]
DMAACK [0]
SELDMA [0]
PIO [9]
PIO [8]
0
DMAREQ [0]
DMAACK [0]
1
DMADONE*
SELDONE
SELTMR [2]
PIO [7]
0
0
TIMER [0]
0
1
DMADONE*
1x
RXD [1]
TXD [1]
SELSIO [1]
PIO [6]
PIO [5]
0
RXD [1]
TXD [1]
1
RXD [0]
TXD [0]
SELSIO [0]
PIO [4]
PIO [3]
0
RXD [0]
TXD [0]
1
CTS [1] *
RTS [1] *
GDBGE*
SELSIOC [1]
SELDSF
PIO [2]
PIO [1]
1
0
0
PIO [2]
DSF
101
CTS [1] *
RTS [1] *
110
GSDAO [1]
GPCST [3]
0
x
x
CTS [0] *
RTS [0] *
SELSIOC [0]
INT [5]
INT [4]
0
CTS [0] *
RTS [0] *
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com