Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 99 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 99 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 95Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 96Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 97Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 98Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 99Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 100Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 101Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 102Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 103Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 512 page
background image
Chapter 8 SDRAM Controller
8-15
8.5.2
SDRAM Operation
(1) Initialization and refresh
The TX3927 command register provides the ability to generate the cycles required for
initialization and the software can mix and match the cycles with whatever timing it determines is
appropriate so that initialization sequences can be very flexible.
The CAS-before-RAS (CBR) refresh cycles during initialization are generated by the normal
refresh circuit. If they should be completed faster than would result from the normal refresh
interval, the software can set the refresh period to a much smaller time during initialization. After
the required number of CBR refresh cycles have occurred, the software should then write the
normal value into the refresh period field.
The refresh counter field in the SDRAM timing register provides a convenient way to count the
number of refreshes to the memory. Thus software does not need to implement special timing loops
to wait for the appropriate number of refreshes to occur.
Re-initialization of the memory is also supported. Again, software has complete flexibility in the
implementation.
Note that at least one channel must be enabled and configured for SDRAM (or SGRAM) to
enable the refresh circuit. Once a channel is enabled, the refresh circuit loads the refresh period
into its counter to start operation. The refresh circuit reloads the refresh period each time it counts
down to zero. Any change in the refresh cycle will, therefore, take effect in the next refresh cycle.
A refresh request has precedence over any other type of SDRAM controller access request. Any
pending memory access request will be held off and serviced as soon as the refresh completes. If,
however, the refresh period is set to a very small value, perhaps either by accident or for testing,
potentially all memory accesses will be locked out by continuous refreshes and the SDRAMC will
no longer respond. To guard against this possibility, the TX3927 first handles the pending memory
access request before starting a refresh cycle in response to a second refresh request. This allows a
register or memory access to slip in between refreshes.
(2) Precharging
•
A burst or single read or a single write is terminated with a precharge active bank command
(PBank). A burst write is terminated with an auto-precharge command, or with a PBank
command if the write crosses boundaries.
The timing parameters “write recovery time” and “time from last data input to low precharge,”
represented with tWR and tDPL (or tRDL) in datasheets, respectively, are particularly important for
write cycles. These parameters are controlled with the write recovery time (WRT) bit of SDRAM
timing register 1 (SDCTR1).
The WRT bit should be set to a value appropriate to the SDRAM used. Otherwise, auto-
precharge occurs with wrong timing, causing a problem during an operation with a sequence of
consecutive accesses. When using the SDRAM with the write recovery time set to 1 clock cycle,
make sure that it can operate normally. If the write recovery time is set to 2 clock cycles, SDRAMs
configured to run with 1 clock cycle can also operate normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com