| Electronic Components Datasheet Search |
|
TMPR3927 Datasheet(PDF) 17 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR3927 Datasheet(HTML) 17 Page - Toshiba Semiconductor |
|
17 / 512 page ![]() 2 Safety Precautions 2-3 2.2 Precautions Specific to Each Product Group 2.2.1 Optical semiconductor devices When a visible semiconductor laser is operating, do not look directly into the laser beam or look through the optical system. This is highly likely to impair vision, and in the worst case may cause blindness. If it is necessary to examine the laser apparatus, for example to inspect its optical characteristics, always wear the appropriate type of laser protective glasses as stipulated by IEC standard IEC825-1. Ensure that the current flowing in an LED device does not exceed the device’s maximum rated current. This is particularly important for resin-packaged LED devices, as excessive current may cause the package resin to blow up, scattering resin fragments and causing injury. When testing the dielectric strength of a photocoupler, use testing equipment which can shut off the supply voltage to the photocoupler. If you detect a leakage current of more than 100 µA, use the testing equipment to shut off the photocoupler’s supply voltage; otherwise a large short-circuit current will flow continuously, and the device may break down or burst into flames, resulting in fire or injury. When incorporating a visible semiconductor laser into a design, use the device’s internal photodetector or a separate photodetector to stabilize the laser’s radiant power so as to ensure that laser beams exceeding the laser’s rated radiant power cannot be emitted. If this stabilizing mechanism does not work and the rated radiant power is exceeded, the device may break down or the excessively powerful laser beams may cause injury. 2.2.2 Power devices Never touch a power device while it is powered on. Also, after turning off a power device, do not touch it until it has thoroughly discharged all remaining electrical charge. Touching a power device while it is powered on or still charged could cause a severe electric shock, resulting in death or serious injury. When conducting any kind of evaluation, inspection or testing, be sure to connect the testing equipment’s electrodes or probes to the device under test before powering it on. When you have finished, discharge any electrical charge remaining in the device. Connecting the electrodes or probes of testing equipment to a device while it is powered on may result in electric shock, causing injury. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |