Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TMPR3927 Datasheet HTML 1Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 2Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 3Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 4Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 5Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 6Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 7Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 8Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 512 page
background image
Table of Contents
iii
9.5.8
External ACK* Mode 16-bit Operation ...............................................................................................9-32
9.5.9
READY Mode 32-bit Operation ..........................................................................................................9-34
9.6
Examples of Using Flash ROM and SRAM .................................................................................................9-36
10. DMA Controller ....................................................................................................................................................10-1
10.1
Features.........................................................................................................................................................10-1
10.2
Block Diagram..............................................................................................................................................10-2
10.3
Registers .......................................................................................................................................................10-3
10.3.1
Register Map ........................................................................................................................................10-3
10.3.2
Master Control Register (MCR) 0xFFFE_B0A4 .................................................................................10-4
10.3.3
Channel Control Registers (CCRn) 0xFFFE_B018 (ch. 0), 0xFFFE_B038 (ch. 1),
0xFFFE_B058 (ch. 2), 0xFFFE_B078 (ch. 3), ...................................................................................10-6
10.3.4
Channel Status Registers (CSRn) 0xFFFE_B01C (ch. 0), 0xFFFE_B03C (ch. 1),
0xFFFE_B05C (ch. 2), 0xFFFE_B07C (ch. 3) ...................................................................................10-9
10.3.5
Source Address Registers (SARn) 0xFFFE_B004 (ch. 0), 0xFFFE_B024 (ch. 1),
0xFFFE_B044 (ch. 2), 0xFFFE_B064 (ch. 3) ..................................................................................10-11
10.3.6
Destination Address Registers (DARn) 0xFFFE_B008 (ch. 0), 0xFFFE_B028 (ch. 1),
0xFFFE_B048 (ch. 2), 0xFFFE_B068 (ch. 3) ..................................................................................10-12
10.3.7
Chained Address Registers (CHARn) 0xFFFE_B000 (ch. 0), 0xFFFE_B020 (ch. 1),
0xFFFE_B040 (ch. 2), 0xFFFE_B060 (ch. 3) ..................................................................................10-13
10.3.8
Source Address Increment Registers (SAIn) 0xFFFE_B010 (ch. 0), 0xFFFE_B030 (ch. 1),
0xFFFE_B050 (ch. 2), 0xFFFE_B070 (ch. 3) ..................................................................................10-14
10.3.9
Destination Address Increment Registers (DAIn) 0xFFFE_B014 (ch. 0), 0xFFFE_B034 (ch. 1),
0xFFFE_B054 (ch. 2), 0xFFFE_B074 (ch. 3) ..................................................................................10-15
10.3.10 Count Registers (CNTRn) 0xFFFE_B00C (ch. 0), 0xFFFE_B02C (ch. 1),
0xFFFE_B04C (ch. 2), 0xFFFE_B06C (ch. 3) .................................................................................10-16
10.4
Operation ....................................................................................................................................................10-17
10.4.1
Dual-Address Transfers......................................................................................................................10-17
10.4.2
Chaining Operations ..........................................................................................................................10-19
10.4.3
Single-Address Transfers ...................................................................................................................10-20
10.4.4
DMA Channel Termination by the External DMADONE* Input......................................................10-20
10.4.5
Restrictions on Non-standard Increment Values ................................................................................10-21
10.4.6
Restrictions on Dual-Address Burst Transfers ...................................................................................10-22
10.4.7
DMA Transfers with On-Chip I/O Peripherals ..................................................................................10-22
10.4.8
Timing for an External DMA Request (DMAREQ) ..........................................................................10-23
10.4.9
Configuration Errors ..........................................................................................................................10-23
10.4.10 Notes on Using the DMAC FIFO ......................................................................................................10-24
10.5
Timing Diagrams ........................................................................................................................................10-26
10.5.1
Single-Address Mode, 32-bit Read Operation (ROM) ......................................................................10-26
10.5.2
Single-Address Mode, 32-bit Write Operation (SRAM)....................................................................10-28
10.5.3
Single-Address Mode, 32-bit Burst-Read Operation (ROM).............................................................10-29
10.5.4
Single-Address Mode, 32-bit Burst-Write Operation (SRAM)..........................................................10-30
10.5.5
Single-Address Mode, 16-bit Read Operation (ROM) ......................................................................10-32
10.5.6
Single-Address Mode, 16-bit Write Operation (SRAM)....................................................................10-33
10.5.7
Single-Address, Half-speed Mode, 32-bit Read Operation (ROM) ...................................................10-34
10.5.8
Single-Address, Half-speed Mode, 32-bit Write Operation (SRAM) ................................................10-35
10.5.9
Single-Address Mode, 32-bit Read Operation (SDRAM) .................................................................10-36
10.5.10 Single-Address Mode, 32-bit Write Operation (SDRAM).................................................................10-37
10.5.11 Single-Address Mode, 16-bit Burst-Read Operation (SDRAM)........................................................10-38
10.5.12 Single-Address Mode, 32-bit Burst-Read Operation (SDRAM)........................................................10-39
10.5.13 Single-Address Mode, 32-bit Burst-Write Operation (SDRAM).......................................................10-40
10.5.14 Single-Address Mode, 32-bit Last Single-Read Operation (SDRAM) ..............................................10-41
10.5.15 Single-Address Mode, 16-bit Read Operation (SDRAM) .................................................................10-42
10.5.16 Single-Address Mode, 16-bit Write Operation (SDRAM).................................................................10-43
10.5.17 Single-Address Mode, 32-bit Read Operation (SDRAM) .................................................................10-44
10.5.18 Single-Address Mode, 32-bit Write Operation (SDRAM).................................................................10-45
10.5.19 Single-Address Mode, 32-bit Burst-Write Operation (SDRAM).......................................................10-46
10.5.20 Dual-Address Mode Burst Operation (SRAM to SRAM) .................................................................10-47
10.5.21 Dual-Address Mode Burst Operation (SRAM to SDRAM)...............................................................10-48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com