Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 86 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 86 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 82Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 83Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 84Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 85Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 86Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 87Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 88Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 89Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 90Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 512 page
background image
Chapter 8 SDRAM Controller
8-2
vice-versa might produce unpredictable results possibly including a bus hang.
(14) Arbitrary byte write for single or burst writes. This feature is controlled with the BWE signal.
(15) Premature termination of an internal bus cycle with a bus error or GDRESET* will allow memory
operation to complete with no loss of data. Termination of an internal bus cycle with RESET* will,
however, terminate memory operation immediately.
(16) Programmable refresh period
(17) SDRAM/SGRAM refresh mode: Auto refresh or self-refresh
(18) Low power modes: Self-refresh or precharge power-down for SDRAM/SGRAM and low power mode
for SMROM. Automatic exit from the power-down modes is supported.
(19) Addressing mode: Sequential only
(20) Auto precharge is used for burst writes only. Precharge commands are used for other types of access.
(21) Serial Presence Detect (SPD) to determine the configuration of DIMMs may be implemented by using
two programmable I/O (PIO) pins. The user should implement the serial protocol through software.
(22) High fanout
In order to support additional loading on the data bus, two selectable data read-back paths and an
optional slow write burst mode are supported. For reads, the user can choose between the path where
data is latched using a feedback clock to better maintain timing coherency with the data and the path
that bypasses that latching stage. For slow burst writes, two clocks are used for each write instead of
one.
(23) SDR (Single Data Rate) SDRAMs/SGRAMs are supported. DDR (Double Data Rate) devices are not
supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com