Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 92 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 92 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 88Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 89Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 90Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 91Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 92Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 93Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 94Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 95Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 96Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 512 page
background image
Chapter 8 SDRAM Controller
8-8
8.4.3
SDRAM Timing Register 1 (for SDRAM/SGRAM) (SDCTR1) 0xFFFE_8020
31
29
28
27
26
25
24
23
18
17
16
SDBC
SDACP
SDP
SDCD WRT
SDRC
CASL
DRB
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
: Type
0000
0
0
000000
0
0
00
: Initial value
15
14
13
12
11
0
0SWB
BW
WpB
SDRP
R/W
R/W
R/W
R/W
: Type
0
0
0
0x400
: Initial value
Bits
Mnemonic
Field Name
Description
31 : 29
SDBC
Bank Cycle Time
Bank Cycle Time (tRC) (initial value: 000)
Selects the bank cycle time for memory.
000: 5 tCK (reset)
100: 9 tCK
001: 6 tCK
101: 10 tCK
010: 7 tCK
110: Reserved
011: 8 tCK
111: Reserved
28 : 27
SDACP
Active Command
Period
Active Command Period (tRAS) (initial value: 00)
Selects the active command period for memory.
00: 3 tCK (reset)
01: 4 tCK
10: 5 tCK
11: 6 tCK
26
SDP
Precharge Time
Precharge Time (tRP) (initial value: 0)
Select the precharge time for memory.
0: 2 tCK (reset)
1: 3 tCK
25
SDCD
RAS-CAS Delay
RAS to CAS Delay (tRCD) (initial value: 0)
0: 2 tCK (reset)
1: 3 tCK
24
WRT
Write Recovery
Time
Write Recovery Time (tWR) (initial value: 0)
Selects the write recovery time for memory.
0: 1 tCK (reset)
1: 2 tCK
23 : 18
SDRC
Refresh Counter
Refresh Counter (initial value: 000000)
Decremented at each refresh. When the refresh circuit is activated with a non-zero
value loaded, this field functions as a down-counter which stops at 0. A non-zero
value must be reloaded to begin another countdown. Used for memory initialization.
17
CASL
CAS Latency
CAS Latency (tCASL) (initial value: 0)
Selects the CAS latency.
0: 2 tCK (reset)
1: 3 tCK
16
DRB
Data Read
Bypass
Data Read Bypass (initial value: 0)
Selects which data read-back path is used.
0: Use the feedback clock to latch data into the register (reset).
1: Bypass the data latching stage.
Figure 8.4.2 SDRAM Timing Register 1 (for SDRAM/SGRAM) (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com