Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 70 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 70 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 66Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 67Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 68Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 69Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 70Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 71Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 72Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 73Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 74Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 512 page
background image
Chapter 5 Configuration
5-2
Bits
Mnemonic
Field Name
Description
11
PSNP
PCI Snoop
PCI Bus Request Snoop
Enables or disables the TX39/H2 core cache snoop function while the PCI has bus
mastership. If data cache is used in write back mode, the snoop function must be
disabled.
0: Disable the cache snoop function.
1: Enable the cache snoop function.
10
PPRI
PCI Arbitration
Priority
Select PCI Arbitration Priority
Specifies the priority of the DMAC to PCI.
0: DMA has priority over PCI in arbitration.
1: Setting prohibited.
5 : 4
PLLM
PLL Multiplier
PLL Multiplier
Indicates the PLL multiplier value. Latched from ADDR[3:2] during a reset.
When PLLM[1] is set to “1”, a crystal having a frequency in the range of 6.25 to 8.33
MHz should be used.
When PLLM[1] is set to “0”, a crystal oscillator should be used and connected to the
XIN pin as a clock input signal. The XOUT pin should be left open.
00: Don’t use.
01:
×2
10: Don’t use.s
11:
×16
2
ENDIAN
Endian
Current Endian Setting of G-Bus
Indicates the endian mode. Latched from ADDR[14] during a reset.
0: Little endian
1: Big endian
The setting of this bit is not affected by the state of the RE (reverse endian) bit of
the TX39/H2 core status register.
1
HALF
Half-Speed
System Clock Half-Speed Mode
Indicates the SYSCLK output frequency.
The state of this bit is determined from the values of ADDR[15] and ADDR[9:8]
during a reset.
Half speed mode is selected when ADDR[15] is “0” or when ADDR[9:8] is “10”.
Otherwise, full speed mode is selected.
0: Full speed (same frequency as G-Bus clock frequency)
1: Half speed (half of G-Bus clock frequency)
0
ACEHOLD
ACE Hold
ACE* Address Hold
Specifies whether the address is held for one clock cycle after ACE* is deasserted.
0: The address changes in the same clock cycle as ACE*. In this mode, an address
hold time of 1 ns is guaranteed.
1: The address is held for one clock cycle after the rising edge of ACE*.
Note:
For the bits other than those defined above, write the values shown in the figure.
Figure 5.1.1 Chip Configuration Register (2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com