Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 166 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 166 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 162Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 163Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 164Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 165Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 166Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 167Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 168Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 169Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 170Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 512 page
background image
Chapter 9 External Bus Controller
9-28
9.5.7
External ACK* Mode 32-bit Operation
Note 1: The TX3927 places the ACK* pin in the high-impedance state in S1.
Note 2: The external device must assert ACK* (low) before the end of ES1. In the above diagram ACK* is
asserted in ES1 to clarify when the drive is switched. If ACK* is asserted before the end of S1, S1
is immediately followed by ES2, with no ES1 state (no wait states inserted).
Note 3: The external device must deasserts ACK* (high) in ES2. If assertion of ACK* is delayed, extra
wait states are inserted. The ACK* signal is allowed to remain low for more than one clock in
certain situations. For details, refer to "9.5 Timing Diagrams" and "9.4.9.2 ACK* Input Timing."
Figure 9.5.15 External ACK* Mode 32-bit Bus Operation (32-bit Single Write, 1 Wait State)
Figure 9.5.16 External ACK* Mode 32-bit Bus Operation (32-bit Single Read, 1 Wait State)
SYSCLK/SDCLK
CE*
ADDR [19:2]
ACE*
OE*
SWE*
BWE*
BE*
DATA [31:0]
S1
ES2
ES1
ES3
S3
S2
ACK*
0
f
f
f0
f
SYSCLK/SDCLK
CE*
ADDR [19:2]
ACE*
OE*
SWE*
BWE*
BE*
DATA [31:0]
S1
ES2
ES1
S2
S3
ACK*
f0
f
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com