Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 229 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 229 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 225Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 226Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 227Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 228Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 229Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 230Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 231Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 232Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 233Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 512 page
background image
Chapter 11 Interrupt Controller (IRC)
11-1
11. Interrupt Controller (IRC)
11.1 Features
The integrated Interrupt Controller (IRC) of the TX3927 coordinates all interrupt sources, both from on-
chip peripherals and off-chip inputs, and provides interrupt requests to the TX39/H2 processor core with
programmable priority levels.
The IRC has the following features:
•
8 internal interrupts and up to 6 external interrupts.
•
Each interrupt source can be assigned one of eight priority levels (0-7).
•
Each external interrupt pin can be individually programmed as either edge- or level-detected.
11.2 Block Diagram
Figure 11.2.1 TX3927 IRC block diagram
The interrupt detection block monitors the states of the external interrupt request pins, INT[5:0]. Each
interrupt pin can be individually programmed as either edge- or level-triggered and as either active-high or
active-low. The Interrupt Control Mode Register 0 (IRCR0) specifies the trigger mode.
The IRC collects interrupt events from on- and off-chip peripherals and prioritizes them. After
determining the highest-priority interrupt, the IRC drives the interrupt request lines to the TX39/H2 core to
inform it of the interrupt request.
TX39/H2 Core
Interrupt Request
Non-maskable
Interrupt Request
Interrupt Levels
Interrupt Masks
Priority Handling
Interrupt
Detection
Block
IRC
6
1
2
3
1
1
PCIC
SIO
TMR
DMA
PIO/Flag
Watchdog Timer Interrupt
Non-maskable Interrupt Signal
(NMI*)
External Interrupt
Signals (INT[5:0])
6
Internal Interrupt
Signals
TMR2
CCFG.WR
Bus Error on Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com