Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 234 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 234 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 230Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 231Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 232Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 233Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 234Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 235Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 236Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 237Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 238Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 512 page
background image
Chapter 11 Interrupt Controller (IRC)
11-6
11.3.4
Interrupt Control Mode Register 1 (IRCR1)
0xFFFE_C008
31
16
0
: Type
: Initial value
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
IC15
IC14
IC13
0 0
0 0
IC10
IC9
IC8
R/W
R/W
R/W
R/W
R/W
R/W
: Type
00
00
00
00
00
00
: Initial value
Bits
Mnemonic
Field Name
Description
15:14
IC15
Interrupt Source
Control 15
Interrupt Source Control 15 (initial value: 00)
Specifies the polarity and trigger mode for TMR[2] interrupts.
00: Low level
01: Don’t use.
10: Don’t use.
11: Don’t use.
13:12
IC14
Interrupt Source
Control 14
Interrupt Source Control 14 (initial value: 00)
Specifies the polarity and trigger mode for TMR[1] interrupts.
00: Low level
01: Don’t use.
10: Don’t use.
11: Don’t use.
11:10
IC13
Interrupt Source
Control 13
Interrupt Source Control 13 (initial value: 00)
Specifies the polarity and trigger mode for TMR[0] interrupts.
00: Low level
01: Don’t use.
10: Don’t use.
11: Don’t use.
5:4
IC10
Interrupt Source
Control 10
Interrupt Source Control 10 (initial value: 00)
Specifies the polarity and trigger mode for PCI interrupts.
00: Low level
01: Don’t use.
10: Don’t use.
11: Don’t use.
3:2
IC9
Interrupt Source
Control 9
Interrupt Source Control 9 (initial value: 00)
Specifies the polarity and trigger mode for PIO/Flag interrupts.
00: Low level
01: Don’t use.
10: Don’t use.
11: Don’t use.
1:0
IC8
Interrupt Source
Control 8
Interrupt Source Control 8 (initial value: 00)
Specifies the polarity and trigger mode for DMA interrupts.
00: Low level
01: Don’t use.
10: Don’t use.
11: Don’t use.
Note:
IC15 to IC8 must be set to 00 for low-level detection.
Figure 11.3.3 Interrupt Control Mode Register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com