Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 378 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 378 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 374Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 375Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 376Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 377Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 378Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 379Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 380Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 381Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 382Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 552 page
background image
Chapter 11 Serial I/O Port
11-18
Bit
Mnemonic
Field Name
Description
Read/Write
7
RDIS
Reception Data
Full
Receive DMA/Interrupt Status (Default: 0)
This bit is set when valid data of the amount set by the Receive FIFO
Request Trigger Level (RDIL) of the FIFO Control register (SIFCR) is stored
in the Receive FIFO.
R/W0C
6
STIS
Status Change
Status Change Interrupt Status (Default: 0)
This bit is set when at least one of the interrupt statuses selected by the
Status Change Interrupt Condition field (STIE) of the DMA/Interrupt Control
Register (SIDICR) becomes “1”.
R/W0C
5
Reserved
⎯
4:0
RFDN
Reception Data
Stage Status
Receive FIFO Data Number (Default: 00000)
This field indicates how many stages of reception data remain in the
Receive FIFO
(0 – 16 stages).
R
Figure 11.4.3 DMA/Interrupt Status Register (2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com