Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 375 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 375 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 371Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 372Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 373Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 374Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 375Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 376Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 377Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 378Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 379Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 552 page
background image
Chapter 11 Serial I/O Port
11-15
11.4.2 DMA/Interrupt Control Register 0 (SIDICR0)
0xF304 (Ch. 0)
DMA/Interrupt Control Register 1 (SIDICR1)
0xF404 (Ch. 1)
These registers use either DMA or interrupts to execute the Host Interface.
31
16
Reserved
: Type
: Initial value
15
14
13
12
11
10
9
8
6
5
0
TDE
RDE
TIE
RIE
SPIE
CTSAC
Reserved
STIE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
: Type
0
0
0
0
0
00
000000
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
31:16
Reserved
⎯
15
TDE
Transmit DMA
Transfer Enable
Transmit DMA Enable (Default: 0)
This field sets whether to use DMA in the method for writing transmission
data to the Transmit FIFO.
0: Do not use DMA.
1: Use DMA.
R/W
14
RDE
Receive DMA
Transfer Enable
Receive DMA Enable (Default: 0)
This field sets whether to use DMA in the method for reading reception
data from the Receive FIFO.
0: Do not use DMA.
1: Use DMA.
R/W
13
TIE
Transmit Data
Empty Interrupt
Enable
Transmit Data Empty Interrupt Enable (Default: 0)
When there is open space in the Transmit FIFO, this field sets whether to
signal an interrupt. Set “0” when in the DMA Transmit mode (TDE = 1).
0: Do not signal an interrupt when there is open space in the Transmit
FIFO.
1: Signal an interrupt when there is open space in the Transmit FIFO.
R/W
12
RIE
Reception Data
Full Interrupt
Enable
Receive Data Full Interrupt Enable (Default: 0)
This field sets whether to signal interrupts when reception data is full
(SIDISRn.RDIS = 1) or a reception time out (SIDISRn.TOUT = 1) occurs.
Set to “0” when in the DMA Receive mode (RDE = 1).
0: Do not signal interrupts when reception data is full/reception time out
occurred.
1: Signal interrupts when reception data is full/reception time out occurred.
R/W
11
SPIE
Reception Error
Interrupt Enable
Receive Data Error Interrupt Enable (Default: 0)
This field sets whether to signal interrupts when a reception error (Frame
Error, Parity Error, Overrun Error) occurs (SIDISR.ERI = 1).
0: Do not signal reception error interrupts.
1: Signal reception error interrupts.
R/W
10:9
CTSAC
CTSS Active
Condition
CTSS Active Condition (Default: 00)
This field specifies status change interrupt request conditions using the
CTS Status (CTSS) of the Status Change Interrupt Status Register.
00: Do not detect CTS signal changes.
01: Rising edge of the CTS pin
10: Falling edge of the CTS pin
11: Both edges of the CTS pin
R/W
8:6
Reserved
⎯
Figure 11.4.2 DMA/Interrupt Control Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com