Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 373 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 373 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 369Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 370Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 371Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 372Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 373Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 374Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 375Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 376Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 377Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 552 page
background image
Chapter 11 Serial I/O Port
11-13
11.4.1 Line Control Register 0 (SILCR0)
0xF300 (Ch. 0)
Line Control Register 1 (SILCR1)
0xF400 (Ch. 1)
These registers specify the format of asynchronous transmission/reception data.
31
16
Reserved
: Type
: Initial value
15
14
13
12
7
6
5
4
3
2
1
0
R/WUB TWUB UODE
Reserved
SCS
UEPS UPEN USBL
UMODE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
: Type
0
1
0
10
0
0
0
00
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
31:16
Reserved
⎯
15
RWUB
Receive Wake
Up Bit
Wake Up Bit for Receive (Default: 0)
When in the Multi-Controller System mode, this field selects whether to
receive address (ID) frames whose Wake Up bits (WUB) are “1” or to
receive data frames whose Wake Up bits (WUB) are “0”. This value is
undefined when not in the Multi-Controller System mode.
0: Receive data frames.
1: Receive address (ID) frames.
R/W
14
TWUB
Transmit Wake
Up Bit
Wake Up Bit for Transmit (Default: 1)
When in the Multi-Controller System mode, this field specifies the Wake Up
bit (WUB). This value is undefined when not in the Multi-Controller System
mode.
0: Data frame transfer (WUB = 0)
1: Address (ID) frame transfer (WUB = 1)
R/W
13
UODE
Open Drain
Enable
TXD Open Drain Enable (Default: 0)
This field selects the output mode of the TXD signal. When in the Multi-
Controller System mode, the Slave Controller must set the TXD signal to
Open Drain.
0: Totem pole output
1: Open drain output
R/W
12:7
Reserved
⎯
6:5
SCS
Clock Select
SIO Clock Select (Default: 00)
This field selects the serial transfer clock. The clock frequency that is the
serial transfer clock divided by 16 becomes the baud rate (bps).
00: Internal clock (IMBUSCLK)
01: Baud rate generator output that divided IMBUSCLK
10: External clock (SCLK)
11: Baud rate generator output that divided SCLK
R/W
4
UEPS
Even Parity
Select
UART Even Parity Select (Default: 0)
This field selects the parity mode.
0: Odd parity
1: Even parity
R/W
3
UPEN
Parity Check
Enable
UART Parity Enable (Default: 0)
This field selects whether to perform the parity check. This bit must be
cleared in multidrop systems (i.e., when the UMODE field is 10 or 11.)
0: Disable the parity check
1: Enable the parity check
R/W
Figure 11.4.1 Line Control Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com